Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52606ADFN Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F52606ADFN
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52606ADFN Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F52606ADFN Datasheet HTML 35Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 36Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 37Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 38Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 39Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 40Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 41Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 42Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 142 page
background image
R01DS0430EJ0100 Rev.1.00
Page 39 of 142
Jul 31, 2024
RX260 Group, RX261 Group
2. Electrical Characteristics
2.2
Recommended Operating Conditions
Note 1. When powering on the VCC and AVCC0 pins, power them on at the same time or the VCC pin first and then the AVCC0 pin.
Note 2. When VCC < 2.4 V, normal operating mode functions of the CTSU are restricted. For details, refer to section 39, Capacitive
Touch Sensing Unit (CTSU2SLa) in the User’s Manual: Hardware.
Note 3. The upper limit of operating temperature is 85°C or 105°C, depending on the product. For details, refer to section 1.2, List of
Products.
Note 1. Use a multilayer ceramic capacitor with a nominal capacitance of 4.7 μF, for which the sum of the capacitance tolerance and
change in the capacitance under the usage conditions will be no greater than ±30%.
Table 2.2
Recommended Operating Conditions (1)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power supply voltages
VCC*1, *2
USB is in use.
3.0
—
3.6
V
One or more of PLL, PLL2, RSIP,
CTSU, internal reference voltage,
and temperature sensor are in use.
1.8
—
5.5
Other than above
1.6
—
5.5
VSS
—
0
—
Analog power supply voltages
AVCC0*1
1.6
—
5.5
V
AVSS0
—
0
—
VREFH0
1.6
—
AVCC0
VREFL0
—
0
—
Input voltage
Ports for 5 V tolerant:
P12, P13, P16, P17
Vin
–0.3
—
5.8
V
P03 to P07,
P40 to P47,
PJ6, PJ7
–0.3
—
AVCC0 + 0.3
Ports other than above
–0.3
—
VCC + 0.3
Operating
temperature*3
D version
Topr
–40
—
85
°C
G version
–40
—
105
Table 2.3
Recommended Operating Conditions (2)
Item
Symbol
Value
Decoupling capacitance to stabilize the
internal voltage
CVCL
4.7µF ± 30%*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com