Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52606ADFN Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R5F52606ADFN
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52606ADFN Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R5F52606ADFN Datasheet HTML 10Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 11Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 12Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 13Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 14Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 15Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 16Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 17Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 142 page
background image
R01DS0430EJ0100 Rev.1.00
Page 14 of 142
Jul 31, 2024
RX260 Group, RX261 Group
1. Overview
1.4
Pin Functions
Table 1.4 lists the pin functions.
Table 1.4
Pin Functions (1/4)
Classifications
Pin Name
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply.
VCL
Input
Connect this pin to the VSS pin via the 4.7 µF smoothing capacitor used to
stabilize the internal power supply. Place the capacitor close to the pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
Clock
XTAL
Output
Pins for a crystal resonator. An external clock can be input through the
EXTAL pin.
EXTAL
Input
XCIN
Input
Input/output pins for the sub-clock oscillator. Connect a crystal between
XCIN and XCOUT.
XCOUT
Output
EXCIN
Input
External clock input pin for the sub-clock oscillator
CLKOUT
Output Clock output pin
Operating mode
control
MD
Input
Pin for setting the operating mode. The signal levels on this pin must not
be changed during operation.
UB
Input
This pin is used in boot mode (USB interface).
UPSEL
Input
This pin is used in boot mode (USB interface).
System control
RES#
Input
Reset pin. This MCU enters the reset state when this signal goes low.
Voltage
detection circuit
CMPA2
Input
Detection target voltage pin for voltage detection 2.
CAC
CACREF
Input
Input pin for the clock frequency accuracy measurement circuit
On-chip
emulator
FINED
I/O
FINE interface pin
Interrupts
NMI
Input
Non-maskable interrupt request pin
IRQ0 to IRQ7
Input
Interrupt request pins
General PWM
timer
GTETRGA, GTETRGB,
GTETRGC, GTETRGD
Input
External trigger input pins
GTIOC0A to GTIOC7A,
GTIOC0B to GTIOC7B
I/O
Input capture input/output compare output/PWM output pins
GTIOC0A# to GTIOC7A#,
GTIOC0B# to GTIOC7B#
I/O
Input capture inverted input/output compare inverted output/PWM inverted
output pins
GTCPPO0
Output
Synchronized PWM output
GTIU, GTIV, GTIW
Input
Hall sensor input pins
GTOUUP
Output
A three-phase PWM output for controlling a brushless DC motor (positive
U-phase)
GTOULO
Output
A three-phase PWM output for controlling a brushless DC motor (negative
U-phase)
GTOVUP
Output
A three-phase PWM output for controlling a brushless DC motor (positive
V-phase)
GTOVLO
Output
A three-phase PWM output for controlling a brushless DC motor (negative
V-phase)
GTOWUP
Output
A three-phase PWM output for controlling a brushless DC motor (positive
W-phase)
GTOWLO
Output
A three-phase PWM output for controlling a brushless DC motor (negative
W-phase)
Realtime clock
RTCOUT
Output
Output pin for the 1-Hz/64-Hz clock
RTCIC0 to RTCIC2
Input
Time capture event input pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com