Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52606ADFN Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R5F52606ADFN
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52606ADFN Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R5F52606ADFN Datasheet HTML 87Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 88Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 89Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 90Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 91Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 92Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 93Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 94Page - Renesas Technology Corp R5F52606ADFN Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 142 page
background image
R01DS0430EJ0100 Rev.1.00
Page 91 of 142
Jul 31, 2024
RX260 Group, RX261 Group
2. Electrical Characteristics
Note:
tPcyc: PCLKB cycle
Note 1. Cb is the total capacitance of the bus lines.
Figure 2.47
Output Timing and Simple I2C Bus Interface Input/Output Timing
Table 2.55
Simple I2C Timing
Conditions: 2.7 V ≤ VCC ≤ 5.5 V, 2.7 V ≤ AVCC0 ≤ 5.5 V, VSS = AVSS0 = 0 V, Ta = –40 to +105°C,
Output load conditions: VOH = 0.7 × VCC, VOL = 0.3 × VCC, C = 30 pF
Item
Symbol
Min.
Max.
Unit
Test
Conditions
Simple I2C
(standard mode)
SDA rise time
tSr
—
1000
ns
Figure 2.47
SDA fall time
tSf
—
300
ns
SDA spike pulse removal time
tSP
04 × tPcyc
ns
Data setup time
tSDAS
250
—
ns
Data hold time
tSDAH
0—
ns
SCL, SDA capacitive load
Cb*1
—
400
pF
Simple I2C
(fast mode)
SDA rise time
tSr
—
300
ns
Figure 2.47
SDA fall time
tSf
—
300
ns
SDA spike pulse removal time
tSP
04 × tPcyc
ns
Data setup time
tSDAS
100
—
ns
Data hold time
tSDAH
0—
ns
SCL, SDA capacitive load
Cb*1
—
400
pF
Test conditions
VIH = 0.7 × VCC, VIL = 0.3 × VCC
SSDAn
SSCLn
VIH
VIL
tSTAH
tSCLH
tSCLL
P*1
S*1
tSf
tSr
tSCL
tSDAH
tSDAS
tSTAS
tSP
tSTOS
P*1
tBUF
Sr*1
Note 1. S, P, and Sr indicate the following conditions, respectively.
S: START condition
P: STOP condition
Sr: Repeated START condition
n = 0, 8, 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com