Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MK50H25DIP Datasheet(PDF) 59 Page - STMicroelectronics

Part # MK50H25DIP
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25DIP Datasheet(HTML) 59 Page - STMicroelectronics

Back Button MK50H25DIP Datasheet HTML 55Page - STMicroelectronics MK50H25DIP Datasheet HTML 56Page - STMicroelectronics MK50H25DIP Datasheet HTML 57Page - STMicroelectronics MK50H25DIP Datasheet HTML 58Page - STMicroelectronics MK50H25DIP Datasheet HTML 59Page - STMicroelectronics MK50H25DIP Datasheet HTML 60Page - STMicroelectronics MK50H25DIP Datasheet HTML 61Page - STMicroelectronics MK50H25DIP Datasheet HTML 62Page - STMicroelectronics MK50H25DIP Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
ORDERING INFORMATION
MK50H25 Q XX
SPEED SORT
16 = 16MHz SYSCLK
25 = 25MHz SYSCLK
33 = 33MHz SYSCLK
PACKAGE
N = Plastic DIP (48 Pins)
Q = Plastic J-Leaded Cip Carrier (52 Pins)
-84Q = 84 PLCC for use with external ROM
PART# PROTOCOL
50H25 = LAPB
MK50H25
59/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com