Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

O36ESC0152F Datasheet(PDF) 12 Page - TOKYO KEISO CO.,LTD.

Part # O36ESC0152F
Description  ORIFLOMETER®
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

O36ESC0152F Datasheet(HTML) 12 Page - TOKYO KEISO CO.,LTD.

Back Button O36ESC0152F Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 12Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 13Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
O3000 Series ORIFLOMETER®
TG-F1169-E00
12
TOKYO KEISO CO., LTD.
■ FLAMEPROOF TYPE
The flameproof type is selectable from the following options for additional functions such as the electric transmitter type or electric transmitter +
HART
® communication type.
Certified by
Explosion-proof rating
Fluid temperature
Ambient temperature
TIIS
Ex d IIC T4
–20 to +135°C
–20 to +55°C
NEPSI
Ex d IIC T3 to T6 Gb
Ex tD A21 IP6X T85°C
T3: up to +150°C
T4: up to +135°C
T5: up to +100°C
T6: up to +85°C
–20 to +60°C
ATEX
II2G Ex db IIC T6 ... T3 Gb
II2D Ex tb IIIC T85°C Db
KOSHA
Ex d IIC T6 ... T3
IECEx
Ex db IIC T6 ... T3 Gb
Ex tb IIIC T85°C Db
Note: Use the dedicated packing type cable gland specified below for the TIIS-certified flameproof type.
● Cable gland for the TIIS-certified flameproof type: EXPC-16B by Shimada Electric Co.
M20×1.5
(Indicator side)
M20×1.5,
G1/2 or NPT1/2
Outside diameter of cable
: φ6 to φ12 (φ10 to φ12 as standard)
■ INSRINSCTIC SAFETY TYPE
The intrinsic safety type is selectable from the following options for additional functions such as the electric transmitter type or electric
transmitter + HART
® communication type.
Certified by
Explosion-proof rating
Fluid temperature
Ambient temperature
TIIS
Ex ia IIC T4
Internal tube type : up to +150°C
External tube type : up to +165°C
−20 to +60°C
NEPSI
Ex ia IIC T1 to T6 Gb
Internal tube type : T3 to T6: up to +150°C
External tube type : T1 to T6: up to +430°C ✽
−20 to +60°C
ATEX
II2G Ex ia IIC T3/T4 Gb
Internal tube type : T4: up to +150°C
External tube type : T4: up to +165°C
T3: up to +200°C
−20 to +60°C
II2D Ex ia IIIC T150°C Db
Internal tube type : up to +150°C
External tube type : up to +200°C
−20 to +50°C
KOSHA
Ex ia IIC T3/T4
Internal tube type : T4: up to +150°C
External tube type : T4: up to +165°C
T3: up to +200°C
−20 to +60°C
IECEx
Ex ia IIC T3/T4 Gb
Internal tube type : T4: up to +150°C
External tube type : T4: up to +165°C
T3: up to +200°C
−20 to +60°C
Ex ia IIIC T150°C Db
Internal tube type : up to +150°C
External tube type : up to +200°C
−20 to +50°C
✽ This product supports fluid temperatures of up to 200°C.
● Intrinsic safety rated values for the electric transmitter type, and electric transmitter + HART® communication type.
Rated value
Maximum voltage for the intrinsically safe circuit
28 V DC or less
Maximum current for the intrinsically safe circuit
93 mA or less
Maximum power consumption for the intrinsically safe circuit
650 mW or less
Capacitance inside the intrinsically safe circuit
5 nF or more
Inductance inside the intrinsically safe circuit
0.2 mH or more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com