Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

O36ESC0152F Datasheet(PDF) 13 Page - TOKYO KEISO CO.,LTD.

Part # O36ESC0152F
Description  ORIFLOMETER®
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

O36ESC0152F Datasheet(HTML) 13 Page - TOKYO KEISO CO.,LTD.

Back Button O36ESC0152F Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 12Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 13Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
O3000 Series ORIFLOMETER®
TG-F1169-E00
TOKYO KEISO CO., LTD.
13
■ CAUTIONS FOR INSTALLATION
1. Upstream/downstream straight pipe length
Upstream/downstream straight pipe length are required to obtain stable and accurate measurement results.
The required pipe length varies depending on the diameter ratio and piping layout. Refer to JIS Z 8762-2 : 2007 for details.
The following table shows the approximate length required for each pipe.
Elbow/Tees
Gate valve (full-open)
Upstream
straight pipe length
10D
12D
Downstream straight pipe length
4D
4D
• D: Inside diameter of the pipe.
• The straight pipe length is measured from the upstream surface of the main orifice plate.
2. Flow direction this product covers all directions including bottom-to-top, top-to-bottom, left-to-right, and right-to-left by changing the direction
of the indicator part. The direction can be changed with ease on the site.
3. This product uses magnetic couplings for displacement transmission and therefore can be affected by magnetic fields. Avoid using it on or
near magnetic fields and keep it away from magnetic materials.
4. When using this product next to one another, keep a distance of at least 10cm between the center of the pipes where the indicator is
installed, to avoid interference between them. Also keep a distance of at least 20cm from the side of the indicator for operation and
maintenance reasons.
Head Office : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : https://www.tokyokeiso.co.jp
* Specification is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com