Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

O36ESC0152F Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # O36ESC0152F
Description  ORIFLOMETER®
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

O36ESC0152F Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  O36ESC0152F Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. O36ESC0152F Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
O3000 Series ORIFLOMETER®
TG-F1169-E00
TOKYO KEISO CO., LTD.
3
■ MODEL CODE (GENERAL TYPE)
Model code
Detailed specification code
Specifications
O3
□□□−□□− □□□ −□□
□
□
Flow
direction of
the main pipe
1
Bottom to top
6
Left to right
7
Right to left
8
Top to bottom
Indicator
functions
L
Local indication
E
Electric transmitter
H
Electric transmitter + HART communication
Explosion-proof
W
Non-explosion-proof
EFlameproof
SIntrinsic safety
Process connection
−S
Screw connection
−
F
Flange connection
−W
Wafer connection
Valve part
NNo
CYes
Main pipe size
−
015
15 A (1/2")
to
to
−300
300 A (12")
Measuring tube material
−
1
Class 1: carbon steel
−
2
Class 2: SUS304
−
3
Class 3: SUS316
Gasket material
NNitrile rubber (NBR)
F
Fluoro carbon rubber (FPM)
E
Ethylene propylene rubber (EPDM)
Flameproof certification
CE
NEPSI
EE
ATEX
JE
TIIS
KE
KOSHA
XE
IECEx
Intrinsic safety certification
CI
NEPSI
EI
ATEX
JI
TIIS
KI
KOSHA
XI
IECEx
Cable entry
M
2
M20
×1.5 (F)
G1
G1/2 (F)
N1
NPT1/2 (F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com