Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMS1117CD Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS1117CD
Description  1A Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1117CD Datasheet(HTML) 6 Page - Advanced Monolithic Systems

Back Button AMS1117CD Datasheet HTML 2Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 3Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 4Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 5Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 6Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 7Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 8Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 9Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 10Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AMS1117
1A Low Dropout Voltage Regulator
09/14/2012
www.advanced-monolithic.com
Phone (925) 443-0722
6
Fax (925) 443-0723
Applications
The AMS1117 series of adjustable and fixed regulators
are easy to use and are protected against short circuit and
thermal overloads. Thermal protection circuitry will shut-
down the regulator should the junction temperature
exceed 165°C at the sense point.
Pin compatible with older three terminal adjustable
regulators, these devices offer the advantage of a lower
dropout voltage, more precise reference tolerance and
improved reference stability with temperature.
Stability
The circuit design used in the AMS1117 series requires
the use of an output capacitor as part of the device
frequency compensation. The addition of 22µF solid
tantalum on the output will ensure stability for all operating
conditions.
When the adjustment terminal is bypassed with a
capacitor to improve the ripple rejection, the requirement
for an output capacitor increases. The value of 22µF
tantalum covers all cases of bypassing the adjustment
terminal. Without bypassing the adjustment terminal
smaller capacitors can be used with equally good results.
To further improve stability and transient response of
these devices larger values of output capacitor can be
used.
Protection Diodes
Unlike older regulators, the AMS1117 family does not
need any protection diodes between the adjustment pin
and the output and from the output to the input to prevent
over-stressing the die. Internal resistors are limiting the
internal current paths on the AMS1117 adjustment pin,
therefore even with capacitors on the adjustment pin no
protection diode is needed to ensure device safety under
short-circuit conditions.
Diodes between the input and output are not usually
needed. Microsecond surge currents of 50A to 100A can
be handled by the internal diode between the input and
output pins of the device. In normal operations it is difficult
to get those values of surge currents even with the use of
large output capacitances. If high value output capacitors
are used, such as 1000µF to 5000µF and the input pin is
instantaneously shorted to ground, damage can occur. A
diode from output to input is recommended, when a
crowbar circuit at the input of the AMS1117 is used
(Figure 1).
Figure 1.
Output Voltage
The AMS1117 series develops a 1.25V reference voltage
between the output and the adjust terminal. Placing a resistor
between these two terminals causes a constant current to
flow through R1 and down through R2 to set the overall
output voltage. This current is normally the specified
minimum load current of 10mA. Because IADJ is very small
and constant it represents a small error and it can usually be
ignored.
VOUT = VREF (1+ R2/R1)+IADJR2
Figure 2. Basic Adjustable Regulator
Load Regulation
For optimum load regulation R1 and R2 should be tied as
close to the point of load as possible. This compensates for
any output voltage drop related to load current conduction
though PCB traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com