Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMS1117CD Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS1117CD
Description  1A Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1117CD Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS1117CD Datasheet HTML 1Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 2Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 3Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 4Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 5Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 6Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 7Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 8Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AMS1117
1A Low Dropout Voltage Regulator
09/14/2012
www.advanced-monolithic.com
Phone (925) 443-0722
1
Fax (925) 443-0723
General Description
The AMS1117 series of adjustable and fixed voltage
regulators are designed to provide up to 1A output
current and to operate down to 1.2V input-to-output
differential. The dropout voltage of the device is
guaranteed maximum 1.3V, decreasing at lower
load currents.
On-chip trimming adjusts the reference voltage to
1.5%. Current limit is set to minimize the stress
under overload conditions on both the regulator and
power source circuitry.
The AMS1117 devices are pin compatible with other
three-terminal SCSI regulators and are offered in the
low profile surface mount SOT-223 package, in the
8L SOIC package and in the TO-252 (DPAK) plastic
package.
Features
•
Three terminal Adjustable or Fixed Voltages:
1.25, 1.5V, 2.5V, 2.85V, 3.3V and 5.0V
•
1A maximum output current
•
1.2V of typical dropout voltage
•
0.2% maximum load regulation
•
0.4% maximum line regulation
•
-40 to +125°C temperature range
•
Available in SOT223, TO-252 and SO-8
package
•
RoHS & WEEE compliant
Applications
•
High Efficiency Linear Regulators
•
Post Regulators for Switching Supplies
•
5V to 3.3V Linear Regulator
•
Adjustable Power Supply
•
Notebook/Personal Computer Supplies
•
Active SCSI Terminator
•
Battery Powered Instrumentation
Typical Application


Similar Part No. - AMS1117CD

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117CD ADMOS-AMS1117CD Datasheet
66Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
AMS1117CD ADMOS-AMS1117CD Datasheet
185Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1117CD AMS-AMS1117CD Datasheet
894Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
ARTSCHIP ELECTRONICS CO...
AMS1117CD ARTSCHIP-AMS1117CD Datasheet
191Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1117CD-1.5 ADMOS-AMS1117CD-1.5 Datasheet
185Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1117CD

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117_05 Datasheet
185Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117_07 Datasheet
330Kb / 7P
1A LOW DROPOUT VOLTAGE REGULATOR
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
1A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
1A Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com