Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMS1117CD Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS1117CD
Description  1A Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1117CD Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS1117CD Datasheet HTML 1Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 2Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 3Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 4Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 5Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 6Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 7Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 8Page - Advanced Monolithic Systems AMS1117CD Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AMS1117
1A Low Dropout Voltage Regulator
09/14/2012
www.advanced-monolithic.com
Phone (925) 443-0722
3
Fax (925) 443-0723
Absolute Maximum Ratings
(1)
Maximum Input Supply Voltage (VIN)…………….............….….-0.3V to 12V
Adjustable Voltage (ADJ)………………………………………….…-0.3V to 12V
Storage Temperature Range………………………...............-65⁰C to 150⁰C
Lead Temperature…………………..………….……………………..……..……260⁰C
Junction Temperature………...………………..……..…………………..……125⁰C
Recommended Operating Conditions
Input Voltage….……………………………………………….…..
3.3V to 12V
Ambient Operating Temperature…………………..……....…-40⁰C to 125⁰C
Thermal Information
(2)
SOT223 θja …………………………………………………………….…….….95⁰C/W*
SOT252 θja……………………………………………………….……….…….80⁰C/W*
SO-8
θ
ja ……………………………………………………………...….…….
80⁰C/W
* With paddle soldered to a PCB copper θJA can vary from 46°C/W
to > 90°C/W depending copper area. See thermal graphs below
and table 1.
Electrical Characteristics
Unless otherwise noted: VIN = VOUT +1.5V, ILOAD = 0mA, CIN = COUT = 22µF, Typical values are TA=25°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reference Voltage
VADJ
VIN = VOUT + 1.5V, ILOAD = 10mA
1.232
1.250
1.268
V
VIN = VOUT + 1.5V, ILOAD = 10mA to 800mA
1.225
1.250
1.275
V
Output Voltage
(3)
VIN = 3V, VOUT = 1.25V
1.231
1.25
1.269
V
VIN = 3V, VOUT = 1.5V
1.478
1.470
1.500
1.500
1.522
1.530
V
V
VIN = 3.3V, VOUT = 1.8V
1.773
1.764
1.800
1.800
1.827
1.836
V
V
VIN = 4V, VOUT = 2.5v
2.463
2.450
2.500
2.500
2.537
2.550
V
V
VIN = 4.35V, VOUT = 2.85V
2.808
2.793
2.850
2.850
2.892
2.907
V
V
VIN = 4.75V, VOUT = 3.3V
3.251
3.234
3.300
3.300
3.349
3.364
V
V
VIN = 6.5V, VOUT = 5.0V
4.925
4.900
5.000
5.000
5.075
5.100
V
V
Minimum Load Current
IVIN
Adjustable Version
8
10
mA
Ground Pin Current
IGND
VIN = VOUT + 2.5V, Fixed Voltage Only
8
12
mA
Adjust Pin bias current
IADJ_Bias
Adjustable Version
40
120
µA
Output Current Limit
IOUT_CLIM
900
1,500
mA
Load Regulation
IOUT = 0 to 800mA, VIN - VOUT = 1.5V
0.25
%
Line Regulation
VIN = VOUT + 1.5V to 12V, IOUT = 10mA
0.35
%
Dropout Voltage
VDO
IOUT = 100mA
1.25
V
IOUT = 500mA
1.35
(IOUT = 800mA
1.45
PSRR
dVo/dVi
F = 120Hz, IOUT=100mA, VRIPPLE=0.5VP-P, COUT=22µF
F = 10KHz
63
db
Output Noise Voltage
en
BW: 100Hz to 100 KHz
COUT=22µF, ILOAD=250mA
150
µ
V(rms)
Thermal Shutdown
TSD
145
°
C
Thermal Shutdown
Hysteresis
TSD_HYS
15
°
C
Thermal Resistance
ΘJC
With package tab in free air
15
°
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com