Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP14E6-E/MF Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP14E6-E/MF
Description  2.0A Dual High-Speed Power MOSFET Driver With Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E6-E/MF Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP14E6-E/MF Datasheet HTML 16Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 17Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 18Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 19Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 20Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 21Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 22Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 23Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
MCP14E6/7/8
DS20005006B-page 20
 2011-2023 Microchip Technology Inc. and its subsidiaries
0.25
C A–B D
C
SEATING
PLANE
TOP VIEW
SIDE VIEW
VIEW A–A
0.10 C
0.10 C
Microchip Technology Drawing No. C04-057-C2X Rev K Sheet 1 of 2
8X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
8-Lead Plastic Small Outline (C2X) - Narrow, 3.90 mm (.150 In.) Body [SOIC]
1
2
N
c
2
4X 1
4X 1
(L1)
L
h
h
A1
A2
A
A
B
e
D
E
E
2
E1
2
E1
NOTE 5
NOTE 5
NX b
0.10 C A–B
2X
H
R1
R
VIEW C
SEE VIEW C
NOTE 1
D
0.10 C A–B
2X
0.10 C A–B
2X
Atmel Legacy Global Package Code SWB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com