Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP14E6-E/MF Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP14E6-E/MF
Description  2.0A Dual High-Speed Power MOSFET Driver With Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E6-E/MF Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP14E6-E/MF Datasheet HTML 3Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 4Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 5Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 6Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 7Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 8Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 9Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 10Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2011-2023 Microchip Technology Inc. and its subsidiaries
DS20005006B-page 7
MCP14E6/7/8
Note: Unless otherwise indicated, TA = +25°C with 4.5V  VDD  18V.
FIGURE 2-7:
Propagation Delay Time vs.
Supply Voltage.
FIGURE 2-8:
Quiescent Current vs.
Supply Voltage.
FIGURE 2-9:
Output Resistance (Output
High) vs. Supply Voltage.
FIGURE 2-10:
Propagation Delay Time vs.
Temperature.
FIGURE 2-11:
Quiescent Current vs.
Temperature.
FIGURE 2-12:
Output Resistance (Output
Low) vs. Supply Voltage.
30
40
50
60
70
80
90
100
4
6
8
1012141618
Supply Voltage (V)
tD1
tD2
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
4
6
8
1012141618
Supply Voltage (V)
Input/Enable = 1
Input/Enable = 0
1
3
5
7
9
11
13
4
6
8
10
12
14
16
18
Supply Voltage (V)
TA = +125°C
TA = +25°C
VIN = 0V (MCP14E6)
VIN = 5V (MCP14E7)
35
40
45
50
55
60
65
70
75
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
tD2
tD1
tD2
tD1
VDD = 12V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
Input/Enable = 1
Input/Enable = 0
VDD = 18V
2
4
6
8
10
12
14
16
4
6
8
10
12
14
16
18
Supply Voltage (V)
TA = +125°C
TA = +25°C
VIN = 5V (MCP14E6)
VIN = 0V (MCP14E7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com