Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP14E6-E/MF Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP14E6-E/MF
Description  2.0A Dual High-Speed Power MOSFET Driver With Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E6-E/MF Datasheet(HTML) 3 Page - Microchip Technology

  MCP14E6-E/MF Datasheet HTML 1Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 2Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 3Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 4Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 5Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 6Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 7Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 8Page - Microchip Technology MCP14E6-E/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
 2011-2023 Microchip Technology Inc. and its subsidiaries
DS20005006B-page 3
MCP14E6/7/8
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage ..........................................................................................................................................................+20V
Input Voltage ......................................................................................................................... (VDD + 0.3V) to (GND – 5V)
Enable Voltage...................................................................................................................... (VDD + 0.3V) to (GND – 5V)
Input Current (VIN >VDD)........................................................................................................................................50 mA
Package Power Dissipation (TA =+50oC)
8L-DFN .................................................................................................................................................................. Note 3
8L-PDIP...................................................................................................................................................................1.12W
8L-SOIC ...............................................................................................................................................................669 mW
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. These are stress ratings only and functional operation of the device at these or any other
conditions above those indicated in the operation sections of the specifications is not implied. Exposure to
Absolute Maximum Rating conditions for extended periods may affect device reliability.
DC CHARACTERISTICS(2)
Electrical Specifications: Unless otherwise indicated, TA = +25°C, with 4.5V  VDD  18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
1.5
—
V
Logic ‘0’, Low Input Voltage
VIL
—1.3
0.8
V
Input Current
IIN
-1
—
1
µA
0V
 VIN  VDD
Input Voltage
VIN
-5
—
VDD + 0.3
V
Output
High Output Voltage
VOH
VDD – 0.025
—
—
V
DC Test
Low Output Voltage
VOL
—
—
0.025
V
DC Test
Output Resistance, High
ROH
—5
8
Ω
IOUT =10mA, VDD = 18V
Output Resistance, Low
ROL
—5
8
Ω
IOUT =10mA, VDD = 18V
Peak Output Current
IPK
—2
—
A
VDD  18V(2)
Switching Time(1)
Rise Time
tR
—12
30
ns
Figure 4-1, Figure 4-2,
CL =1000pF
Fall Time
tF
—15
35
ns
Figure 4-1, Figure 4-2,
CL =1000pF
Propagation Delay Time
tD1
—45
55
ns
Figure 4-1, Figure 4-2
Propagation Delay Time
tD2
—45
55
ns
Figure 4-1, Figure 4-2
Enable Function (ENB_A, ENB_B)
High-Level Input Voltage
VEN_H
2.4
1.6
—
V
VDD = 12V, Low-to-High Transition
Low-Level Input Voltage
VEN_L
—1.2
0.8
V
VDD = 12V, High-to-Low Transition
Hysteresis
VHYST
—400
—
mV
Enable Pull-up Impedance
RENBL
0.7
1.6
3.0
MΩ
VDD = 14V, ENBL = GND
Enable Pin Leakage Current
IENBL
—10
—
µA
VDD =12V,
ENB_A = ENB_B = GND
Note 1: Switching times are ensured by design.
2: Tested during characterization, not production tested.
3: Package power dissipation is dependent on the copper pad area of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com