Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A22NZ-RMM-NWA Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A22NZ-RMM-NWA
Description  Pushbutton Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22NZ-RMM-NWA Datasheet(HTML) 1 Page - Omron Electronics LLC

  A22NZ-RMM-NWA Datasheet HTML 1Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 2Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 3Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 4Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 5Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 6Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 7Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 8Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
Pushbutton Switches
A22NN/A22NL
22-mm Pushbutton Switches
Universal Design.
Emphasis on Color Coding, Workability,
and Safety.
Easy to Use
• You can connect up to three Contact Blocks in one stage for
multistage expansion.
• The terminals can be retightened when Contact Blocks are
stacked.
• Contact Blocks can be attached in any direction for easy
assembly.
• Screw terminal structure is compatible with round crimp
terminals.
Safety
• Easy-to-operate lock lever for secure locking.
• Easy-mounting Contact Blocks provide finger protection.
• Different colors of Contact Blocks (NO: blue, NC: orange)
help prevent wiring errors.
Product Lineup
• Meet global safety standards.
• Available with metal or plastic bezels.
• Many color variations.
• Standard-feature degree of protection: IP66, NEMA 4X, and NEMA 13.
Button Colors
*
The colors when the Switches are lit are for transparent white buttons (code: TW) and yellow LED Lamps (code: Y).
Non-lighted
Switches
A22NN-
-N
Opaque
Red
Green
Yellow
White
Blue
Black
A22NN-
-U
Transparent
Red
Green
Yellow
White
Blue
Orange
Lighted
Switches
A22NL-
-T
Transparent
When
not lit
Red
Green
Yellow
White
Blue
Orange
White
When lit
Red
Green
Yellow
White
Blue
Orange
Opaque
white*
Refer to Safety Precautions for All Pushbutton Switch-
es/Indicators and Safety Precautions on page 23.


Similar Part No. - A22NZ-RMM-NWA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22NZ-2BL-NAA OMRON-A22NZ-2BL-NAA Datasheet
5Mb / 16P
Selector Switches
A22NZ-2BL-NAA OMRON-A22NZ-2BL-NAA Datasheet
6Mb / 22P
Selector Switches
07/15
A22NZ-2BL-NBA OMRON-A22NZ-2BL-NBA Datasheet
5Mb / 16P
Selector Switches
A22NZ-2BL-NBA OMRON-A22NZ-2BL-NBA Datasheet
6Mb / 22P
Selector Switches
07/15
A22NZ-2BL-NGA OMRON-A22NZ-2BL-NGA Datasheet
5Mb / 16P
Selector Switches
More results

Similar Description - A22NZ-RMM-NWA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F-SERIES CK-COMPONENTS-F-SERIES Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com