Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A22NZ-RMM-NWA Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # A22NZ-RMM-NWA
Description  Pushbutton Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22NZ-RMM-NWA Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button A22NZ-RMM-NWA Datasheet HTML 8Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 9Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 10Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 11Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 12Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 13Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 14Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 15Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
A22NN/A22NL
12
Ordering Information
Subassemblies - - - You can order Operation Units, LED Lamps, Mounting Collars, and Contact Blocks individually. Use them in
combination for models that are not available as assembled Switches. They can also be used as inventory for
maintenance parts.
LED Lamps
Mounting Collar
Contact Blocks
Lighting Units
Reinforcement Plate
Appearance
Applied voltage
6 VAC/DC
12 VAC/DC
24 VAC/DC
100/110/120 VAC
200/220/230/240 VAC
Color
Model
Model
Model
Model
Model
Red
A22NZ-L-RA
A22NZ-L-RB
A22NZ-L-RC
A22NZ-L-RD
A22NZ-L-RE
Green
A22NZ-L-GA
A22NZ-L-GB
A22NZ-L-GC
A22NZ-L-GD
A22NZ-L-GE
Yellow
A22NZ-L-YA
A22NZ-L-YB
A22NZ-L-YC
A22NZ-L-YD
A22NZ-L-YE
White
A22NZ-L-WA
A22NZ-L-WB
A22NZ-L-WC
A22NZ-L-WD
A22NZ-L-WE
Blue
A22NZ-L-AA
A22NZ-L-AB
A22NZ-L-AC
A22NZ-L-AD
A22NZ-L-AE
Orange
A22NZ-L-OA
A22NZ-L-OB
A22NZ-L-OC
A22NZ-L-OD
A22NZ-L-OE
Appearance
Model
A22NZ-H-01
Appearance
Contacts
Model
SPST-NO (blue)
A22NZ-S-G1A
SPST-NC (orange)
A22NZ-S-G1B
Appearance
Applied voltage
Model
6 VAC/DC
A22NZ-T-A
12 VAC/DC
A22NZ-T-B
24 VAC/DC
A22NZ-T-C
100/110/120 VAC
A22NZ-T-D
200/220/230/240 VAC
A22NZ-T-E
Appearance
Model
A22NZ-A-C01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com