Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A22NZ-RMM-NWA Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # A22NZ-RMM-NWA
Description  Pushbutton Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22NZ-RMM-NWA Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button A22NZ-RMM-NWA Datasheet HTML 19Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 20Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 21Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 22Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 23Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 24Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 25Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 26Page - Omron Electronics LLC A22NZ-RMM-NWA Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
A22NN/A22NL
23
Safety Precautions
Refer to Safety Precautions for All Pushbutton Switches/Indicators.
• Never perform wiring work on a Switch while power is being
supplied. Never touch terminals and other charged parts while
power is being supplied. Doing so may result in electrical shock.
• Never attempt to disassemble or modify the Switch in any way.
Doing so may prevent correct operation.
• Switch functionality may be inhibited. Do not drop the Switch.
Never apply a force that would deform or alter the nature of the
Switch.
• The durability of the Switch is greatly affected by operating
conditions. Evaluate the Switch under actual working conditions
before permanent installation and use the Switch within a number
of switching operations that will not adversely affect the Switch’s
performance.
• Do not use a load voltage or current that exceeds the rating. Doing
so may damage or cause burning in the Switch.
• Do not use the Switch in a location with inflammable or explosive
gases, or where the Switch would be subjected to inflammable
solvents. The arcs and heat generated when the Switch is
operated can cause ignition or explosions.
• Do not use the Switch where sulfur gas (H2S, SO2), ammonia gas
(NH3), nitric acid gas (HNO3), chlorine gas (Cl2), or other harmful
gases are present or where high humidity is present. Contact faults
and damage due to corrosion may interfere with the functionality of
the Switch.
• Do not use the Switch in oil or water or in an environment subject
to constant contact with oil or water. The oil or water may enter the
Switch, causing failure.
• Do not use or store the Switch in the following locations.
•Locations subject to rapid temperature changes
•Locations subject to condensation due to high humidity
•Locations subject to vibration
•Locations subject to direct sunlight
•Locations subject to salty air
• Make sure that the rubber washer is in place between the
Operation Unit and the panel. Otherwise, the specifications of the
protective structure may not be satisfied.
• Do not subject the Contact Block or wiring to excessive force. The
Contact Block may be damaged or deformed and faulty contact
may occur.
Mounting
• Do not tighten the Mounting Nut more than necessary using tools
such as pointed-nose pliers. Doing so will damage the Mounting
Nut. (The tightening torque of the Mounting Nut is 1.0 to 2.0 N·m.)
Wiring
• Terminal screws must be M3.5 Phillips or slotted screws with a
square washer.
• The terminal screw tightening torque is 1.0 to 1.3 N·m.
• Solid wires, stranded wires, and crimp terminals can be connected
to the Switch.
Stranded wires: AWG14 to AWG16
Solid wire: 1.6 dia. max.
Bare Crimp Terminals
Crimp Terminals with Insulating Sheathes
• After wiring the Switch, maintain appropriate clearance and
creepage distances.
Operating Environment
• The Switch is intended for indoor use only.
Using the Switch outdoors will result in failure.
LED Lamps
• A current-limiting resistor is built into the LED Lamp, so external
resistance is not required.
• False Lighting of the LED Lamp
The LED Lamp will light with a microcurrent of approx. 0.1 mA or
less. Take countermeasures, such as adding a resistor in parallel
to the LED Lamp, to prevent false lighting.
The micro-current varies with the machine (due to leakage current,
stray capacity between cables, etc.). Select a resistance value and
allowable power consumption according to the actual current.
Precautions for Safe Use
Precautions for Correct Use
7.2 mm max.
7.2 mm max.
16.0 mm max.
16.0 mm max.
7.2 mm max.
20.2 mm max.
7.2 mm max.
20.2 mm max.
X1
X2
LED
Lamp
R: 10 kΩ (1 W)
bleeder resistor
Example of Circuit to Prevent False Lighting
For 24 VAC/VDC Lighting Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com