Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8951LGEFL/R Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8951LGEFL/R
Description  Stereo ADC with Microphone Input and Clock Generator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8951LGEFL/R Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8951LGEFL/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Production Data
WM8951
w
PD Rev 4.1 December 2007
23
Figure 19 Right Justified Mode
DSP mode is where the left channel MSB is available on either the 1st or 2nd rising edge of BCLK
(selectable by LRP) following a LRC transition high. Right channel data immediately follows left
channel data.
Figure 20 DSP Mode
In all modes ADCLRC must always change on the falling edge of BCLK, refer to Figure 17, Figure
18, Figure 19 and Figure 20.
Operating the digital audio interface in DSP mode allows ease of use for supporting the various
sample rates and word lengths. The only requirement is that all data is transferred within the correct
number of BCLK cycles to suit the chosen word length.
In order for the digital audio interface to offer similar support in the three other modes (Left Justified,
I2S and Right Justified), the ADCLRC and BCLK frequencies, continuity and mark-space ratios need
more careful consideration.
In Slave mode, ADCLRC is not required to have a 50:50 mark-space ratio. BCLK input need not be
continuous. It is however required that there are sufficient BCLK cycles for each ADCLRC transition
to clock the chosen data word length. The non-50:50 requirement on the LRC is of use in some
situations such as with a USB 12MHZ clock. Here simply dividing down a 12MHz clock within the
DSP to generate LRC and BCLK will not generate the appropriate ADCLRC since it will no longer
change on the falling edge of BCLK. For example, with 12MHz/32k fs mode there are 375 MCLK per
LRC. In these situations ADCLRC can be made non 50:50.
In Master mode, ADCLRC will be output with a 50:50 mark-space ratio with BCLK output at 64 x
base frequency (i.e. 48 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com