Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8951LGEFL/R Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8951LGEFL/R
Description  Stereo ADC with Microphone Input and Clock Generator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8951LGEFL/R Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8951LGEFL/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Production Data
WM8951
w
PD Rev 4.1 December 2007
25
Figure 21 Master Mode
As a slave device the WM8951L sequences the data transfer (ADCDAT) over the digital audio
interface in response to the external applied clocks (BCLK, ADCLRC). This is illustrated in Figure 22.
Figure 22 Slave Mode
Note that the WM8951L relies on controlled phase relationships between audio interface BCLK, and
the master MCLK or CLKOUT. To avoid any timing hazards, refer to the timing section for detailed
information.
AUDIO DATA SAMPLING RATES
The WM8951L provides for two modes of operation (normal and USB) to generate the required ADC
sampling rates. Normal and USB modes are programmed under software control according to the
table below.
In Normal mode, the user controls the sample rate by using an appropriate MCLK or crystal
frequency and the sample rate control register setting. The WM8951L can support sample rates from
8ks/s up to 96ks/s.
In USB mode, the user must use a fixed MLCK or crystal frequency of 12MHz to generate sample
rates from 8ks/s to 96ks/s. It is called USB mode since the common USB (Universal Serial Bus)
clock is at 12MHz and the WM8951L can be directly used within such systems. WM8951L can
generate all the normal audio sample rates from this one Master Clock frequency, removing the need
for different master clocks or PLL circuits.
BCLK
ADCDAT
ADCLRC
WM8951
ADC
DSP
ENCODER/
DECODER
BCLK
ADCDAT
ADCLRC
WM8951
ADC
DSP
ENCODER/
DECODER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com