Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8951LGEFL/R Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8951LGEFL/R
Description  Stereo ADC with Microphone Input and Clock Generator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8951LGEFL/R Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8951LGEFL/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM8951LGEFL/R Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Production Data
WM8951
w
PD Rev 4.1 December 2007
29
USB MODE SAMPLE RATES
In USB mode the MCLK/crystal oscillator input is 12MHz only.
SAMPLING
RATE
ADC
MCLK
FREQUENCY
SAMPLE
RATE
REGISTER SETTINGS
DIGITAL
FILTER
TYPE
kHz
MHz
BOSR
SR3
SR2
SR1
SR0
48
12.000
0
0
0
0
0
0
44.1 (Note 2)
12.000
1
1
0
0
0
1
8
12.000
0
0
0
1
1
0
8
(Note 1)
12.000
1
1
0
1
1
1
32
12.000
0
0
1
1
0
0
96
12.000
0
0
1
1
1
3
88.2 (Note 3)
12.000
1
1
1
1
1
2
Table 15 USB Mode Sample Rate Look-up Table
Notes:
1.
8k not exact, actual = 8.021kHz
2.
44.1k not exact, actual = 44.118kHz
3.
88.1k not exact, actual = 88.235kHz
4.
All other combinations of BOSR and SR[3:0] that are not in the truth table are invalid
The table above can be used to set up the device to work with various sample rate combinations. For
example if the user wishes to use the WM8951L in USB mode with the ADC sample rate at 48kHz
then the device should be programmed with BOSR = 0, SR3 = 0, SR2 = 0, SR1 = 0 and SR0 = 0.
The ADC will then operate with a Digital Filter of type 0, refer to Digital Filter Characteristics section
for an explanation of the different filter types.
The BOSR bit represents the base over-sampling rate. This is the rate that the WM8951L digital
signal processing is carried out at and the sampling rate will always be a sub-multiple of this. In USB
mode, with BOSR = 0, the base over-sampling rate is defined at 250fs, with BOSR = 1, the base
over-sampling rate is defined at 272fs. This can be used to determine the actual audio sampling rate
produced by the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com