Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KAI-1010M Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # KAI-1010M
Description  Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAI-1010M Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button KAI-1010M Datasheet HTML 8Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 9Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 10Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 11Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 12Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 13Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 14Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 15Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
IMAGE SENSOR SOLUTIONS
12
Absolute Maximum Range
RATING
DESCRIPTION
MIN.
MAX.
UNITS
NOTES
Temperature
Operation Without Damage
-50
+70
°C
(@ 10%
±5%RH)
Storage
-55
+70
°C
Voltage
SUB-WELL
0
+40
V
1
(Between Pins)
VRD,VDD,OG&VSS-WELL
0
+15
V
2
IDHA,B & VOUTA,B - WELL
0
+15
V
2
φV1 - φV2
-12
+20
V
2
φH1A, φH1B - φH2
-12
+15
V
2
φH1A, φH1B, φH2, FDG - φV2
-12
+15
V
2
φH2 - OG & VSS
-12
+15
V
2
φR – SUB
-20
0
V
1,2,4
All Clocks - WELL
-12
+15
V
2
Current
Output Bias Current (Iout)
----
10
mA
3
Table 2 Absolute Maximum Ranges
Notes:
1. Under normal operating conditions the substrate voltage should be above +7V, but may be pulsed
to 40 V for electronic shuttering.
2. Care must be taken in handling so as not to create static discharge which may permanently damage
the device.
3. Per Output. Iout affects the band-width of the outputs.
4.
φR should never be more positive than VSUB.
Caution: This device contains limited protection against Electrostatic Discharge (ESD)
Devices should be handled in accordance with strict ESD procedures for Class 0 devices (JESD22 Human
Body Model) or Class A (Machine Model). Refer to Application Note MTD/PS-0224, “Electrostatic
Discharge Control”
Caution: Improper cleaning of the cover glass may damage these devices.
Refer to Application Note MTD/PS-0237, “Cover Glass Cleaning for Image Sensors”
KAI-1010/1011 Rev 8 •
www.k odak.com/go/imagers 585-722- 4385 imagers@kodak.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com