Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KAI-1010M Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # KAI-1010M
Description  Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAI-1010M Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button KAI-1010M Datasheet HTML 10Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 11Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 12Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 13Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 14Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 15Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 16Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 17Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
IMAGE SENSOR SOLUTIONS
AC Clock Level Conditions
SYMBOL
DESCRIPTION
Level
Min.
NOM.
MAX.
UNITS
PIN IMPEDANCE2
φV1
Vertical CCD Clock
Low
-10.0
-9.5
-9.0
V
25nF, >1.2M
Ω
Mid
0.0
0.2
0.4
V
High
8.5
9.0
9.5
V
φV2
Vertical CCD Clock
Low
-10.0
-9.5
-9.0
V
25nF, >1.2M
Ω
High
0.0
0.2
0.4
V
φH1A
φ1 Horizontal CCD A Clock
Low
-7.5
-7.0
-6.5
V
100pF, > 1.2M
Ω
High
2.5
3.0
3.5
V
φH1B4
φ1 Horizontal CCD B Clock
Low
-7.5
-7.0
-6.5
V
100pF, > 1.2M
Ω
(single register mode)
φH1B4
φ1 Horizontal CCD B Clock
Low
-7.5
-7.0
-6.5
V
100pF, > 1.2M
Ω
(dual register mode)
High
2.5
3.0
3.5
V
φH2
φ2 Horizontal CCD Clock
Low
-7.5
-7.0
-6.5
V
125pF, > 1.2M
Ω
High
2.5
3.0
3.5
V
φR
Reset Clock
Low
-6.5
-6.0
-5.5
V
5pF, > 1.2M
Ω
High
-0.5
0.0
0.5
V
φFDG3
Fast Dump Gate Clock
Low
-7.0
-6.0
-5.5
V
20pF, > 1.2M
Ω
High
4.5
5.0
5.5
V
Table 4 AC Clock Level Conditions
Notes: 1. The AC and DC operating levels are for room temperature operation. Operation at other
temperatures may or may not require adjustments of these voltages.
2. Pins shown with impedances greater than 1.2 Mohm are expected resistances. These pins are only
verified to 1.2 Mohm.
3. When not used, refer to DC operating condition.
4. For single register mode, set
φH1B to -7.0 volts at all times rather than clocking it.
This device is suitable for a wide range of applications requiring a variety of different operating conditions. Consult Eastman
Kodak in those situations in which operating conditions meet or exceed minimum or maximum levels.
KAI-1010/1011 Rev 8 •
www.k odak.com/go/imagers 585-722- 4385 imagers@kodak.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com