Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 3 Page - Midas Components

Part # MPBV-7
Description  LCD Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 3 Page - Midas Components

  MPBV-7 Datasheet HTML 1Page - Midas Components MPBV-7 Datasheet HTML 2Page - Midas Components MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCCOG128064B12W-FPTLW
128 x 64
LCD Module
Specification
Version:
1
Date:
31/10/2016
Revision
N/A
Pin layout
Pin
Symbol
Description
Remarks
1
P/S
P/S = H: Parallel Data I/O
P/S = L: Serial Data Input
2
C86
MPU Interface Selection Pin
3
V0
Multi-Level power supply for LCD. Voltage applied is
determined by LC cell, changed through resistive voltage
divided or changing impedance using OP. AMP.
Levels determined on VSS must maintain magnitudes
shown: V0 ≥ V1 ≥ V2 ≥ V3 ≥ V4 ≥VSS
4
V1
5
V2
6
V3
7
V4
8
C2-
DC/DC Converter. Capacitor between this terminal and
CAP2P terminal.
9
C2+
DC/DC Converter. Capacitor between this terminal and
CAP2N terminal.
10
C1+
DC/DC Converter. Capacitor between this terminal and
CAP1N terminal.
11
C1-
DC/DC Converter. Capacitor between this terminal and
CAP1P terminal.
12
C3+
DC/DC Converter. Capacitor between this terminal and
CAP1N terminal.
13
VOUT
Voltage Converter I/O
14
VSS
Ground
15
VDD
Power Supply
16
D7
8-Bit bi-directional data bus, connect to 8-bit or 16-bit
standard MPU data bus.
SPI-4 is selected P/S = L
D7 Serial data input (SI); D6 Serial Clock Input (SCL).
D0~D5 connected to VDD or floating.
When chip select not active, D0~D7 set to high impedance.
17
D6
18
D5
19
D4
20
D3
21
D2
22
D1
23
D0
24
E (/RD)
When connected to 8080MPU, Pin treated as the “/RD”
signal of the 8080MPU and is LOW-active.
Data bus output status when signal is “L”.
Connect 6800 MPU, pin treated as “E” signal of 6800 MPU,
and is HIGH-active.
25
R/W (/WR)
When connected to 8080MPU, Pin treated as the “/WR”
signal of the 8080MPU and is LOW-active.
Connect 6800 MPU, pin treated as “R/W” signal of 6800
MPU, decides access type: R/W = H: Read R/W = L: Write.
26
D/C
Determines whether data bits are data or command.
27
/CS1
Chip Select.
28
/RES
/Res is “L”, register settings initialised.
Reset operation is performed by the /RES signal Level.
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com