Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 1 Page - Midas Components

Part # MPBV-7
Description  LCD Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 1 Page - Midas Components

  MPBV-7 Datasheet HTML 1Page - Midas Components MPBV-7 Datasheet HTML 2Page - Midas Components MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCCOG128064B12W-FPTLW
128 x 64
LCD Module
Specification
Version:
1
Date:
31/10/2016
Revision
N/A
* - For full design functionality, please use this
specification
in
conjunction
with
the
ST7565P
specification. (Provided Separately)
Display Features
Resolution
12
8 x 64
Appearance
Black on White
Logic Voltage
3.3V
Interface
Parallel
/ SPI
Font Set
N/A
Display Mode
Transflective
LC Type
FSTN
Module Size
54.60 x 42.20 x 4.48
Operating Temperature
-20°C ~ +70°C
Construction
COG
Box Quantity
Weight / Display
LED Backlight
White
---
---
Optional Variants
Appearances
Voltage
White on Blue
Black on Yellow/Green
Black on RGB
Display Accessories
Part Number
Description
MCIB-12
UNO 32 Breakout Board with SD
Card and LED BKL driver.
MPBV-7
30-Way FFC to Cable and Wires
0.5mm Pitch.
MCCOG128064B-BEZEL
MDC28-0.5-BC
28 way connector with 0.5mm pitch.
Bezel made for the MCCOG12064B series
Page 1 of 4
Telephone +44 (0)1493 602602
Email:sales@midasdisplays.com
Email:tech@midasdisplays.com
www.midasdisplays.com
Sauls Wharf House
Sauls Wharf House
Crittens Road
Crittens Road
Great Yarmouth
Great Yarmouth
Norfolk
Norfolk
NR31 0AG
NR31 0AG


Similar Part No. - MPBV-7

ManufacturerPart #DatasheetDescription
logo
Midas Components
MPBV-7 MIDASDISPLAYS-MPBV-7 Datasheet
857Kb / 4P
LCD Module
Version:1 31/10/2016
MPBV-7 MIDASDISPLAYS-MPBV-7 Datasheet
1Mb / 20P
N/A LCD Module
Version: 3 13/04/2018
MPBV-7 MIDASDISPLAYS-MPBV-7 Datasheet
1Mb / 16P
LCD Module
Version: 1 03/01/2020
MPBV-7 MIDASDISPLAYS-MPBV-7 Datasheet
1Mb / 16P
LCD Module
Version: 1 03/09/2020
MPBV-7 MIDASDISPLAYS-MPBV-7 Datasheet
1Mb / 21P
OLED Module
Version: 1 22/10/2020
More results

Similar Description - MPBV-7

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
LCD MODULE
AGM1532A AZDISPLAYS-AGM1532A Datasheet
356Kb / 11P
LCD MODULE
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
LCD MODULE
AGM3224G AZDISPLAYS-AGM3224G Datasheet
448Kb / 13P
LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
LCD MODULE
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
LCD Module
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
LCD Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com