Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 4 Page - Midas Components

Part # MPBV-7
Description  LCD Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 4 Page - Midas Components

  MPBV-7 Datasheet HTML 1Page - Midas Components MPBV-7 Datasheet HTML 2Page - Midas Components MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Attention: It is constant current, not constant voltage, which should be applied when driving
the LED backlight, please ensure you adhere to this rule.
MCCOG128064B12W-FPTLW
128 x 64
LCD Module
Specification
Version:
1
Date:
31/10/2016
Revision
N/A
Electronic Characteristics
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
V
Supply Voltage Logic
VDD ~ VSS
---
3.20
3.30
3.40
V
Supply Voltage LCD
VDD ~ V0
Ta=25°C
8.60
8.80
9.00
V
Supply Current
IDD
VDD=
3.3V
---
0.10
---
mA
LCD Characteristics
For STN/FSTN LCD Panel Types
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Viewing Angle
Φ2 – Φ1
CR
≥
2
---
---
45
ψ=180°
Θ
---
---
Contrast Ratio
CR
---
3
---
---
---
Response Time
(Rise)
TR
---
---
---
250
ms
Response Time
(Fall)
TF
---
---
---
250
ms
LED Characteristics
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Supply Current
ILED
V=
3.60V
---
32
40
mA
Supply Voltage
V
---
3.50
3.60
3.70
V
Reverse Voltage
VR
---
---
---
5
V
Luminance (Without
LCD)
IV
ILED=
32mA
640
800
---
Cd/m2
---
---
---
---
---
---
---
LED Life Time
---
ILED=
32mA
---
50K
---
Hour
Absolute Maximums Ratings
Item
Symbol
Minimum
Typical
Maximum
Unit
Power Supply
Voltage
V0, VOUT
-0.3
---
14.5
V
Power Supply
Voltage
V1,V2,V3,V4
-0.3
---
V0+0.3
V
Power Supply Voltage
VDD
-0.3
---
3.6
V
Operating Temperature
TOP
-20°C
---
70°C
°C
Storage temperature
TST
-30°C
---
80°C
°C
---
---
---
Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com