Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDPHDMDP2HD Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # CDPHDMDP2HD
Description  3-in-1 Multiport to HDMI Adapter - 4K 60Hz USB-C, HDMI or Mini DisplayPort to HDMI Converter for Conference Room - Digital AV Video Adapter to Connect HDMI Monitor/Display
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDPHDMDP2HD Datasheet(HTML) 3 Page - StarTech.com Ltd.

  CDPHDMDP2HD Datasheet HTML 1Page - StarTech.com Ltd. CDPHDMDP2HD Datasheet HTML 2Page - StarTech.com Ltd. CDPHDMDP2HD Datasheet HTML 3Page - StarTech.com Ltd. CDPHDMDP2HD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AV Output
HDMI - 2.0
Industry Standards
HDMI 2.0b
Chipset ID
Realtek RTD2172AU
Performance
Video Revision
HDMI 2.0
Supported Resolutions
HDMI: 3840x2160 (4K) / 60Hz
Lower resolutions and refresh rates may also be supported
Audio Specifications
HDMI - 2 Channel Audio
Connector(s)
Connector A
1 - USB-C (24 pin) DisplayPort Alt Mode
1 - HDMI
1 - Mini DisplayPort
Connector B
1 - HDMI
Power
Power Source
Bus Powered
Environmental
Operating Temperature
0C to 70C (32F to 158F)
Storage Temperature
-10C to 55C (14F to 131F)
Humidity
5% ~ 90 % RH (no condensation)
Physical
Characteristics
Color
Black
Cable Length
10.4 in [26.5 cm]
Product Length
3.1 in [8.0 cm]
Product Width
2.2 in [5.5 cm]
Product Height
0.8 in [2.0 cm]
Weight of Product
3.7 oz [104.0 g]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com