Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDPHDMDP2HD Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # CDPHDMDP2HD
Description  3-in-1 Multiport to HDMI Adapter - 4K 60Hz USB-C, HDMI or Mini DisplayPort to HDMI Converter for Conference Room - Digital AV Video Adapter to Connect HDMI Monitor/Display
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDPHDMDP2HD Datasheet(HTML) 1 Page - StarTech.com Ltd.

  CDPHDMDP2HD Datasheet HTML 1Page - StarTech.com Ltd. CDPHDMDP2HD Datasheet HTML 2Page - StarTech.com Ltd. CDPHDMDP2HD Datasheet HTML 3Page - StarTech.com Ltd. CDPHDMDP2HD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-in-1 Multiport to HDMI Adapter - 4K 60Hz USB-C, HDMI or Mini DisplayPort to HDMI Converter for
Conference Room - Digital AV Video Adapter to Connect HDMI Monitor/Display
Product ID: CDPHDMDP2HD
This multiport to HDMI adapter provides multiple host options, connecting your USB-C, HDMI or Mini DisplayPort
device to an HDMI display. This digital AV adapter supports High Dynamic Range (HDR) and provides sharper
images with enhanced video.
With brighter colors and greater contrast, the adapter is ideal for:
• Creating eye-catching visuals for photography, videography, cinematography
• Delivering enriched presentations
With three popular input connections, this 4K HDMI AV adapter eliminates the need for multiple adapters and is
compatible with the most common devices, ensuring you can connect wherever you go. The adapter can also
conveniently be left connected to HDMI displays in boardrooms or conference rooms permanently, helping to reduce
setup time.
The 3 in 1 HDMI adapter is fully compatible with HDMI 2.0b specification, supporting resolutions up to 4K 60Hz (3840
x 2160) and bandwidths up to 18Gbps. The video converter is also backward compatible with lower resolutions
including HD 1080p, making it ideal for your office or home office setup.
With HDR support, you can enjoy lifelike images with increased contrast, brightness and colors and greater
luminosity than standard digital imaging.
The adapter also outputs 2-channel audio no matter what host you're connected to, ensuring a seamless AV
experience.
To ensure easy operation and installation, this multi connector adapter supports a plug & play setup with any OS,
including macOS, Windows, Ubuntu, Chrome and Android.
This multiport AV adapter is backed by a 3-year StarTech.com warranty, and free lifetime technical support.


Similar Part No. - CDPHDMDP2HD

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDPH10D22 SUMIDA-CDPH10D22 Datasheet
173Kb / 2P
Power Inductors
CDPH20D13 SUMIDA-CDPH20D13 Datasheet
121Kb / 2P
Power Inductors
CDPH20D13NP-1R0N SUMIDA-CDPH20D13NP-1R0N Datasheet
121Kb / 2P
Power Inductors
CDPH20D13NP-1R5N SUMIDA-CDPH20D13NP-1R5N Datasheet
121Kb / 2P
Power Inductors
CDPH20D13NP-2R2N SUMIDA-CDPH20D13NP-2R2N Datasheet
121Kb / 2P
Power Inductors
More results

Similar Description - CDPHDMDP2HD

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
687860007 MOLEX2-687860007 Datasheet
152Kb / 2P
MICRO HDMI TO HDMI A RECP ADAPTER
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
P142000MICRO TRIPPLITE-P142000MICRO Datasheet
495Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F-M)
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F-M)
P137-06N-HV-V2W TRIPPLITE-P137-06N-HV-V2W Datasheet
488Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI
P136-06N-HV-V2 TRIPPLITE-P136-06N-HV-V2 Datasheet
494Kb / 2P
DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI 24 30Hz
U444-06N-HD4K6B TRIPPLITE-U444-06N-HD4K6B Datasheet
166Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
P142-000-MINI TRIPPLITE-P142-000-MINI Datasheet
161Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F/M)
logo
IOGEAR
GMDPHDW6 IOGEAR-GMDPHDW6 Datasheet
143Kb / 3P
Mini DisplayPort to HDMI Adapter Cable
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com