Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDPHDMDP2HD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDPHDMDP2HD
Description  3-in-1 Multiport to HDMI Adapter - 4K 60Hz USB-C, HDMI or Mini DisplayPort to HDMI Converter for Conference Room - Digital AV Video Adapter to Connect HDMI Monitor/Display
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDPHDMDP2HD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDPHDMDP2HD Datasheet HTML 1Page - StarTech.com Ltd. CDPHDMDP2HD Datasheet HTML 2Page - StarTech.com Ltd. CDPHDMDP2HD Datasheet HTML 3Page - StarTech.com Ltd. CDPHDMDP2HD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Certifications, Reports and Compatibility
Applications
• Connect to a 4K HDMI monitor, TV or projector
• Ideal for boardrooms, conference rooms or shared workspaces
Features
• 3-IN-1 ADAPTER: This multiport to HDMI adapter features three common host port options including USB C, HDMI
or Mini DisplayPort to seamlessly connect one laptop or tablet to an HDMI monitor, TV or projector in a boardroom,
office or conference room
• 4K RESOLUTION & AUDIO SUPPORT: USB Type-C/HDMI/Mini DP to HDMI video converter supports resolutions
up to UHD 4K 60Hz (3840x2160) & 2ch audio on HDMI 2.0b displays HDR10 produces lifelike images w/ a higher
contrast-ratio Backward compatible w/ 1080p
• COMPATIBILITY: This all-in-one HDMI adapter eliminates the need for multiple adapters for universal host
connectivity; works w/ USBC (or Thunderbolt 3), HDMI or mDP laptops or tablets including MacBooks, Ultrabooks
and Surface Pro devices OS independent
• USB-POWERED: Featuring an easy plug and play setup, this Multiport to HDMI digital AV adapter requires no
external power adapter and can be powered using an available USB port with the included micro-USB to USB-A
power cable
• FLEXIBLE SETUP: Equipped with a female HDMI connector that allows you to connect to various cable lengths to
your boardroom display 11" (27 cm) attached host cables Supports HDMI screw-locking cable to prevent accidental
disconnection
Hardware
Warranty
3 Years
AV Input
USB-C
HDMI - 2.0
Mini DisplayPort - 1.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com