Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV5 Datasheet(PDF) 11 Page - Midas Components

Part # MPBV5
Description  TFT Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV5 Datasheet(HTML) 11 Page - Midas Components

Back Button MPBV5 Datasheet HTML 7Page - Midas Components MPBV5 Datasheet HTML 8Page - Midas Components MPBV5 Datasheet HTML 9Page - Midas Components MPBV5 Datasheet HTML 10Page - Midas Components MPBV5 Datasheet HTML 11Page - Midas Components MPBV5 Datasheet HTML 12Page - Midas Components MPBV5 Datasheet HTML 13Page - Midas Components MPBV5 Datasheet HTML 14Page - Midas Components MPBV5 Datasheet HTML 15Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Note (1)
LED life time (Hr) can be defined as the time in which it continues to operate under the condition:
Ta=25±3 ℃, typical IL value indicated in the above table until the brightness becomes less than 50%.
Note (2) The “LED life time” is defined as the module brightness decrease to 50% original brightness at
Ta=25℃ and IL=60mA. The LED lifetime could be decreased if operating IL is larger than 60mA. The
constant current driving method is suggested.
NOTE 3:Luminance Uniformity of these 9 points is defined as below:
Page 11 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com