Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV5 Datasheet(PDF) 3 Page - Midas Components

Part # MPBV5
Description  TFT Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV5 Datasheet(HTML) 3 Page - Midas Components

  MPBV5 Datasheet HTML 1Page - Midas Components MPBV5 Datasheet HTML 2Page - Midas Components MPBV5 Datasheet HTML 3Page - Midas Components MPBV5 Datasheet HTML 4Page - Midas Components MPBV5 Datasheet HTML 5Page - Midas Components MPBV5 Datasheet HTML 6Page - Midas Components MPBV5 Datasheet HTML 7Page - Midas Components MPBV5 Datasheet HTML 8Page - Midas Components MPBV5 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
General Information
Items
Specification
Unit
Note
Main Panel
Display area(AA)
26.64(H)*35.52(V) (1.77inch)
mm
-
Driver element
TFT active matrix
-
-
Display colors
65/262K
colors
-
Number of pixels
240(RGB)*320
dots
-
Pixel arrangement
RGB vertical stripe
-
-
Pixel pitch
0.111(H)*0.111(V)
mm
-
Viewing angle
Free
o'clock
-
Controller
IC
ST7789S
-
-
Display mode
Transmissive/Normally black
-
-
Operating temperature
-20~+70
℃
-
Storage temperature
-30~+80
℃
-
* Mechanical Information
Item
Min.
Typ.
Max.
Unit
Note
Module
size
Horizontal(H)
34.7
mm
-
Vertical(V)
46.7
mm
-
Depth(D)
2.65
mm
-
Weight
TBD
g
-
1. Block Diagram
Page 3 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com