Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV5 Datasheet(PDF) 25 Page - Midas Components

Part # MPBV5
Description  TFT Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV5 Datasheet(HTML) 25 Page - Midas Components

Back Button MPBV5 Datasheet HTML 19Page - Midas Components MPBV5 Datasheet HTML 20Page - Midas Components MPBV5 Datasheet HTML 21Page - Midas Components MPBV5 Datasheet HTML 22Page - Midas Components MPBV5 Datasheet HTML 23Page - Midas Components MPBV5 Datasheet HTML 24Page - Midas Components MPBV5 Datasheet HTML 25Page - Midas Components MPBV5 Datasheet HTML 26Page - Midas Components MPBV5 Datasheet HTML 27Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
TP edge
broken
X:length
Y:width
Z:height
* Circuitry broken is not allowed.
Criteria ( functional items)
Number
1
2
3
4
5
Items
No display
Missing segment
Short
Backlight no lighting
TP no function
Criteria (mm)
Not allowed
Not allowed
Not allowed
Not allowed
Not allowed
8. Reliability Test Result
8.1 Condition
Item
Condition
Sample
Size
Test
Result
Note
Low Temperature
Operating Life test
-20℃, 96HR
3ea
pass
-
Thermal Humidity
Operating Life test
70℃90%RH, 96HR
3ea
pass
-
Temperature Cycle ON/OFF
test
-20℃
↔ 70℃, ON/OFF, 20CYC
3ea
pass
(1)
High Temperature
Storage test
80℃, 96HR
3ea
pass
-
Low Temperature
Storage test
-30℃, 96HR
3ea
pass
-
ESD test
150pF, 330Ω , ±6KV(Contact)/± 8KV(Air), 5 points/panel,
10 times/point
3ea
pass
X
Y
Z
X≤6.0mm
Y≤2.0mm
Z<LCD
thicknes
s
X
Y
Z
Page 25 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com