Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 13 Page - Midas Components

Part # MPBV7
Description  TFT Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 13 Page - Midas Components

Back Button MPBV7 Datasheet HTML 9Page - Midas Components MPBV7 Datasheet HTML 10Page - Midas Components MPBV7 Datasheet HTML 11Page - Midas Components MPBV7 Datasheet HTML 12Page - Midas Components MPBV7 Datasheet HTML 13Page - Midas Components MPBV7 Datasheet HTML 14Page - Midas Components MPBV7 Datasheet HTML 15Page - Midas Components MPBV7 Datasheet HTML 16Page - Midas Components MPBV7 Datasheet HTML 17Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Note (3) The specified power supply current is under the conditions at VDD
=3.3V, Ta = 25
± 2 ℃, DC Current and fv = 60 Hz, whereas a power dissipation check pattern below is
displayed.
8.2. BACKLIGHT UNIT
Parameter
Symbol
Value
Unit
Note
Min.
Typ.
Max.
Converter Power Supply Voltage
Vi
10.8
12.0
13.2
V
Converter Power Supply Current
Ii
(0.36)
(0.46)
(0.56)
A
@ Vi = 12V
(Duty 100%)
Backlight Power Consumption
PBL
-
(5.52)
(6.72)
W
@ Vi = 12V
(Duty 100%)
EN Control Level
Backlight on
-
2.0
3.3
5.0
V
Backlight off
0
---
0.8
V
PWM Dimming
Control Level
PWM High Level
-
2.0
3.3
5.0
V
PWM Low Level
0
-
0.15
V
PWM Dimming Control Duty Ratio
-
1
-
100
%
@200Hz
PWM Dimming Control Frequency
fPWM
190
200
20k
Hz
(2)
LED Life Time
LL
(50,000)
(70,000)
-
Hrs
(3)
Note (1) LED current is measured by utilizing a high frequency current meter as shown
below:
Page 13 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com