Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 21 Page - Midas Components

Part # MPBV7
Description  TFT Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 21 Page - Midas Components

Back Button MPBV7 Datasheet HTML 13Page - Midas Components MPBV7 Datasheet HTML 14Page - Midas Components MPBV7 Datasheet HTML 15Page - Midas Components MPBV7 Datasheet HTML 16Page - Midas Components MPBV7 Datasheet HTML 17Page - Midas Components MPBV7 Datasheet HTML 18Page - Midas Components MPBV7 Datasheet HTML 19Page - Midas Components MPBV7 Datasheet HTML 20Page - Midas Components MPBV7 Datasheet HTML 21Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
11.Reliability
Content of Reliability Test (Wide temperature, -20℃~70℃)
Note1: No dew condensation to be observed.
Note2: The function test shall be conducted after 4 hours storage at the normal
Temperature and humidity after remove from the test chamber.
Note3: The packing have to including into the vibration testing.
Environmental Test
Test Item
Content of Test
Test Condition
Note
High Temperature
storage
Endurance test applying the high storage
temperature for a long time.
70℃
200hrs
2
Low Temperature
storage
Endurance test applying the low storage
temperature for a long time.
-30℃
200hrs
1,2
High Temperature
Operation
Endurance test applying the electric stress
(Voltage & Current) and the thermal stress to
the element for a long time.
70℃
200hrs
——
Low Temperature
Operation
Endurance test applying the electric stress
under low temperature for a long time.
-20℃
200hrs
1
High Temperature/
Humidity Operation
The module should be allowed to stand at 60
℃,90%RH max
60℃,90%RH
96hrs
1,2
Thermal shock
resistance
The sample should be allowed stand the
following 10 cycles of operation
-20℃
25℃
70℃
30min
5min
30min
1 cycle
-20℃/70℃
10 cycles
——
Vibration test
Endurance test applying the vibration during
transportation and using.
Total fixed
amplitude : 1.5mm
Vibration
Frequency :
10~55Hz
One cycle 60
seconds to 3
directions of X,Y,Z
for Each 15 minutes
3
Static electricity test Endurance test applying the electric stress to
the terminal.
VS=±600V(contact)
,
±800v(air),
RS=330Ω
CS=150pF
10 times
——
Page 21 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com