Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 19 Page - Midas Components

Part # MPBV7
Description  TFT Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 19 Page - Midas Components

Back Button MPBV7 Datasheet HTML 13Page - Midas Components MPBV7 Datasheet HTML 14Page - Midas Components MPBV7 Datasheet HTML 15Page - Midas Components MPBV7 Datasheet HTML 16Page - Midas Components MPBV7 Datasheet HTML 17Page - Midas Components MPBV7 Datasheet HTML 18Page - Midas Components MPBV7 Datasheet HTML 19Page - Midas Components MPBV7 Datasheet HTML 20Page - Midas Components MPBV7 Datasheet HTML 21Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
10.Optical Characteristics
Item
Symbol
Condition.
Min
Typ.
Max.
Unit
Remark
Response time
Tr
θ=0°、Φ=0°
-
16
-
.ms
Note 3,5
Tf
-
7
-
.ms
Contrast ratio
CR
At optimized
viewing angle
1300
2000
-
-
Note 4,5
Color
Chromaticity
White
Wx
θ=0°、Φ=0
0.263
0.313
0.363
Note 2,6,7
Wy
0.279
0.329
0.379
Viewing angle
Hor.
ΘR
CR≧10
80
88
-
Deg.
Note 1
ΘL
80
88
-
Ver.
ΦT
80
88
-
ΦB
80
88
-
Brightness
-
-
240
300
-
cd/m2
Center of
display
Ta=25±2℃
Note 1: Definition of viewing angle range
Fig.10.1.
Definition of viewing angle
Note 2: Test equipment setup:
After stabilizing and leaving the panel alone at a driven temperature for 10 minutes, the
measurement should be executed. Measurement should be executed in a stable, windless,
and dark room. Optical specifications are measured by Topcon BM-7orBM-5 luminance meter
1.0° field of view at a distance of 50cm and normal direction.
Page 19 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com