Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8221ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8221ARZ-R7
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8221ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8221
Rev. C | Page 6 of 24
Parameter
Conditions
ARM Grade
Unit
Min
Typ
Max
REFERENCE INPUT
R
IN
20
kΩ
I
IN
V
IN+, VIN−, VREF = 0
50
60
µA
Voltage Range
−V
S
+V
S
V
Gain to Output
1 ± 0.0001
V/V
POWER SUPPLY
Operating Range
V
S = ±2.3 V to ±18 V
±2.3
±18
V
Quiescent Current
0.9
1
mA
Over Temperature
T = −40°C to +85°C
1
1.2
mA
DYNAMIC RESPONSE
Small Signal –3 dB Bandwidth
G = 1
825
kHz
G = 10
562
kHz
G = 100
100
kHz
G = 1000
14.7
kHz
Settling Time 0.01%
10 V step
G = 1 to 100
10
µs
G = 1000
80
µs
Settling Time 0.001%
10 V step
G = 1 to 100
13
µs
G = 1000
110
µs
Slew Rate
G = 1
1.5
2
V/µs
G = 5 to 100
2
2.5
V/µs
GAIN
G = 1 + (49.4 kΩ/R
G)
Gain Range
1
1000
V/V
Gain Error
V
OUT ± 10 V
G = 1
0.1
%
G = 10
0.3
%
G = 100
0.3
%
G = 1000
0.3
%
Gain Nonlinearity
V
OUT = −10 V to +10 V
G = 1 to 10
R
L = 10 kΩ
5
15
ppm
G = 100
R
L = 10 kΩ
7
20
ppm
G = 1000
R
L = 10 kΩ
10
50
ppm
G = 1 to 100
R
L = 2 kΩ
15
100
ppm
Gain vs. Temperature
G = 1
3
10
ppm/°C
G > 12
–50
ppm/°C
INPUT
Input Impedance
Differential
100||2
GΩ/pF
Common Mode
100||2
GΩ/pF
Input Operating Voltage Range3
V
S = ±2.3 V to ±5 V
–V
S + 1.9
+V
S − 1.1
V
Over Temperature
T = −40°C to +85°C
–V
S + 2.0
+V
S − 1.2
V
Input Operating Voltage Range
V
S = ±5 V to ±18 V
–V
S + 1.9
+V
S − 1.2
V
Over Temperature
T = −40°C to +85°C
–V
S + 2.0
+V
S − 1.2
V
OUTPUT
R
L = 10 kΩ
Output Swing
V
S = ±2.3 V to ±5 V
–V
S + 1.1
+V
S − 1.2
V
Over Temperature
T = −40°C to +85°C
–V
S + 1.4
+V
S − 1.3
V
Output Swing
V
S = ±5 V to ±18 V
–V
S + 1.2
+V
S − 1.4
V
Over Temperature
T = −40°C to +85°C
–V
S + 1.6
+V
S − 1.5
V
Short-Circuit Current
18
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com