Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8221ARZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8221ARZ-R7
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221ARZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8221ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 18Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 19Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 20Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 21Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 23Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD8221
Rev. C | Page 24 of 24
ORDERING GUIDE
Model1
Temperature Range for
Specified Performance
Operating2
Package Description
Temperature Range
Package
Option
Branding
AD8221AR
–40°C to +85°C
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8221AR-REEL
–40°C to +85°C
–40°C to +125°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8221AR-REEL7
–40°C to +85°C
–40°C to +125°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8221ARZ
–40°C to +85°C
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8221ARZ-R7
–40°C to +85°C
–40°C to +125°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8221ARZ-RL
–40°C to +85°C
–40°C to +125°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8221ARM
–40°C to +85°C
–40°C to +125°C
8-Lead MSOP
RM-8
JLA
AD8221ARM-REEL
–40°C to +85°C
–40°C to +125°C
8-Lead MSOP, 13" Tape and Reel
RM-8
JLA
AD8221ARM REEL7
–40°C to +85°C
–40°C to +125°C
8-Lead MSOP, 7" Tape and Reel
RM-8
JLA
AD8221ARMZ
–40°C to +85°C
–40°C to +125°C
8-Lead MSOP
RM-8
JLA#
AD8221ARMZ-R7
–40°C to +85°C
–40°C to +125°C
8-Lead MSOP, 7" Tape and Reel
RM-8
JLA#
AD8221ARMZ-RL
–40°C to +85°C
–40°C to +125°C
8-Lead MSOP, 13" Tape and Reel
RM-8
JLA#
AD8221BR
–40°C to +85°C
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8221BR-REEL
–40°C to +85°C
–40°C to +125°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8221BR-REEL7
–40°C to +85°C
–40°C to +125°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8221BRZ
–40°C to +85°C
–40°C to +125°C
8-Lead SOIC_N
R-8
AD8221BRZ-R7
–40°C to +85°C
–40°C to +125°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8221BRZ-RL
–40°C to +85°C
–40°C to +125°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8221AC-P7
–40°C to +85°C
–40°C to +125°C
Die
1 Z = RoHS Compliant Part, # denotes RoHS compliant product may be top or bottom marked.
2 See Typical Performance Characteristics for expected operation from 85°C to 125°C.
©2003–2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03149–0–3/11(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com