Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8221ARZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8221ARZ-R7
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221ARZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8221ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 18Page - Analog Devices AD8221ARZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD8221
Rev. C | Page 15 of 24
20µs/DIV
4.9µs TO 0.01%
5.6µs TO 0.001%
5V/DIV
0.002%/DIV
Figure 34. Large Signal Pulse Response and Settling Time (G = 10),
0.002%/DIV
20µs/DIV
10.3µs TO 0.01%
13.4µs TO 0.001%
5V/DIV
0.002%/DIV
Figure 35. Large Signal Pulse Response and Settling Time (G = 100),
0.002%/DIV
200µs/DIV
83µs TO 0.01%
112µs TO 0.001%
5V/DIV
0.002%/DIV
Figure 36. Large Signal Pulse Response and Settling Time (G = 1000),
0.002%/DIV
4µs/DIV
20mV/DIV
Figure 37. Small Signal Response, G = 1, RL = 2 kΩ, CL = 100 pF
4µs/DIV
20mV/DIV
Figure 38. Small Signal Response, G = 10, RL = 2 kΩ, CL = 100 pF
10µs/DIV
20mV/DIV
Figure 39. Small Signal Response, G = 100, RL = 2 kΩ, CL = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com