Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 14 Page - Midas Components

Part # MPBV-7
Description  OLED Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 14 Page - Midas Components

Back Button MPBV-7 Datasheet HTML 10Page - Midas Components MPBV-7 Datasheet HTML 11Page - Midas Components MPBV-7 Datasheet HTML 12Page - Midas Components MPBV-7 Datasheet HTML 13Page - Midas Components MPBV-7 Datasheet HTML 14Page - Midas Components MPBV-7 Datasheet HTML 15Page - Midas Components MPBV-7 Datasheet HTML 16Page - Midas Components MPBV-7 Datasheet HTML 17Page - Midas Components MPBV-7 Datasheet HTML 18Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
NO
Item
Criterion
AQL
03
OLED
black
spots,
white
spots,
contamin
ation (non-
display)
3.1 Round type :
As following
drawing
Φ=( x + y ) / 2
SIZE
Acceptable
QTY
Zone
Φ≦0.10
ignore
A+ B
0.10<Φ≦0.20
2
A+ B
0.20<Φ≦0.25
1
A+ B
0.25<Φ
0
A+ B
2.5
3.2 Line type : (As following drawing)
Length
Width
Acceptable
Q TY
Zone
---
W≦0.02
ignore
A+B
L≦3.0
0.02<W≦0.03
2
A+B
L≦2.5
0.03<W≦0.05
A+B
---
0.05<W
As round type
2.5
04
Polarizer
bubbles
/Dent
4.1 If bubbles
are visible, judge
using black spot
specifications,
not easy to find,
must check in
specify direction.
4.2 The polarizer dent follows this specification.
Size Φ
Acceptable Q TY
Zone
Φ≦0.20
ignore
A+B
0.20<Φ≦0.50
3
A+B
0.50<Φ≦1.00
2
A+B
1.00<Φ
0
A+B
Total Q TY
3
2.5
05 Scratches
Follow NO.3 OLED black spots, white spots, contamination.
Page 14 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com