Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 4 Page - Midas Components

Part # MPBV-7
Description  OLED Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 4 Page - Midas Components

  MPBV-7 Datasheet HTML 1Page - Midas Components MPBV-7 Datasheet HTML 2Page - Midas Components MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components MPBV-7 Datasheet HTML 5Page - Midas Components MPBV-7 Datasheet HTML 6Page - Midas Components MPBV-7 Datasheet HTML 7Page - Midas Components MPBV-7 Datasheet HTML 8Page - Midas Components MPBV-7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
18
D/C#
I
Data/Command Control
This pin is Data/Command control pin connecting to the MCU.
When the pin is pulled HIGH, the content at D[7:0] will be interpreted as
data.
When the pin is pulled LOW, the content at D[7:0] will be interpreted as
command.
19
CS#
I
Data/Command Control
This pin is the chip select input connecting to the MCU. The chip is
enabled for MCU communication only when CS# is pulled LOW.
20
RES#
I
This pin is reset signal input.
When the pin is pulled LOW, initialization of the chip is executed.
Keep this pin pull HIGH during normal operation.
21
FR
O
This pin is No Connection pins. Nothing should be connected to this pin.
This pin should be left open individually.
22
IREF
I
Current Reference for Brightness Adjustment
This pin is segment current reference pin. A resistor should be
connected between this pin and VSS. Set the current lower than 10uA.
23
N.C.
-
Reserved Pin
The N.C. pin between function pins are reserved for compatible and
flexible design.
24
VDDIO
P
Power Supply for I/O Pin
It should be matched with the MCU interface voltage level.
25
VDD
P
Power Supply for Core Logic Circuit
Power supply pin for core logic operation. A capacitor is required to
connect between this pin and VSS
26
VCI
P
Power Supply for Operation
VCI must always be equal to or higher than VDD and VDDIO.
27
VSL
P
Voltage Output Low Level for SEG Signal
This is segment voltage reference pin.
When external VSL is not used, this pin should be left open.
When external VSL is used, this pin should connect with resistor and
diode to ground.
28
VLSS
P
Ground of Analog Circuit
These are the analog ground pins. They should be connected to VSS
externally.
29
VCC
P
Power Supply for OLED Panel
These are the most positive voltage supply pin of the chip. They must
be connected to external source.
30
ESD GND
P
Ground
Page 4 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com