Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 7 Page - Midas Components

Part # MPBV-7
Description  OLED Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 7 Page - Midas Components

Back Button MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components MPBV-7 Datasheet HTML 5Page - Midas Components MPBV-7 Datasheet HTML 6Page - Midas Components MPBV-7 Datasheet HTML 7Page - Midas Components MPBV-7 Datasheet HTML 8Page - Midas Components MPBV-7 Datasheet HTML 9Page - Midas Components MPBV-7 Datasheet HTML 10Page - Midas Components MPBV-7 Datasheet HTML 11Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Notes
Supply Voltage for Operation
VCI
-0.3
4.0
V
1, 2
Supply Voltage for Logic
VDD
-0.5
2.75
V
1, 2
Supply Voltage for I/O Pins
VDDIO
-0.5
VCI
V
1, 2
Supply Voltage for Display
VCC
-0.5
20
V
1, 2
Operating Temperature
TOP
-40
80
°C
-
Storage Temperature
TSTG
-40
85
°C
-
Note 1: All the above voltages are on the basis of “VSS = 0V”.
Note 2: When this module is used beyond the above absolute maximum ratings, permanent
breakage of the module may occur. Also, for normal operations, it is desirable to use this
module under the conditions according to Section 6 ‘’Electrical Characteristics’’. If this module
is used beyond these conditions, malfunctioning of the module can occur and the reliability of
the module may deteriorate
Electrical Characteristics
1. DC Electrical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
Low Voltage power
supply
VCI
-
2.4
3.3
3.5
V
Supply Voltage for
Display
VCC
-
10.0
10.5
11.0
V
Logic supply voltage
VDD
-
2.4
-
2.6
V
Power for I/O pins
VDDIO
-
1.65
-
VCI
V
High Level Input
VIH
-
0.8×VDDIO
-
VDDIO
V
Low Level Input
VIL
-
0
-
0.2×VDDIO
V
High Level Output
VOH
-
0.9×VDDIO
-
VDDIO
V
Low Level Output
VOL
-
0
-
0.1×VDDIO
V
50% Check Board operating Current VCC =10.5V
-
22
33
mA
Note1: Supply Voltage for Logic = VDD core power supply can be regulated from VCI.
Note2: VCI must be larger than or equal to VDD
Notes 3: The VCC (VPP) value can be adjusted according to the demand brightness. When
VCC (VPP) is lowered, the brightness decreases or when VCC (VPP) is increased, the
brightness increases. The VCC (VPP) value is set within the recommended range. The life
time of OLED is directly related to the set brightness, and lower brightness helps to improve
the life time.
Page 7 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com