Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B32774 Datasheet(PDF) 9 Page - EPCOS

Part # B32774
Description  Film capacitors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32774 Datasheet(HTML) 9 Page - EPCOS

Back Button B32774 Datasheet HTML 5Page - EPCOS B32774 Datasheet HTML 6Page - EPCOS B32774 Datasheet HTML 7Page - EPCOS B32774 Datasheet HTML 8Page - EPCOS B32774 Datasheet HTML 9Page - EPCOS B32774 Datasheet HTML 10Page - EPCOS B32774 Datasheet HTML 11Page - EPCOS B32774 Datasheet HTML 12Page - EPCOS B32774 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9 3/23
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32776
MKP DC link – high density series up to 480 μF
Ordering codes and packing units (lead spacing 37.5 mm)
CR1)
µF
1) Capacitance value measured at 1 kHz
Max. dimensions
w x h x l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max2)
70 °C
10 kHz
A
2) Max ripple current IRMS at 70 °C, 10 kHz for T ≤20 °C at ΔESRtyp ≤±5%
ESRtyp
70 °C
10 kHz
m
ESLtyp3)
nH
3) Typical ESL value measured at resonance frequency (see specific graphs of Z versus frequency)
* This part is affected by "Dual Use" regulations according to the law of the country the production site is located in. De-
liveries of such products are subject to prior approval of the respective local authorities based on customer declarations.
The delivery to certain countries may be restricted.
tan 
10-3
tan 
10-3
Un-
taped
pcs./
MOQ
VR,70 °C = 800 V DC, Vop,85 °C = 700 V DC
6.8 24.0 x 15.0 x 41.5
–
B32776T8685+000
6.0
22.1
18.0
1.7
15.1 1040
8.5 24.0 x 19.0 x 41.5
–
B32776T8855+000
7.5
17.8
18.0
1.7
15.1
780
14
18.0 x 32.5 x 41.5
–
B32776E8146+000 10.0
11.5
23.0
1.8
16.3
720
15
20.0 x 39.5 x 42.0 10.2 B32776G8156+000 12.0
9.6
10.0
1.7
15.2
640
15
20.0 x 39.5 x 42.0
–
B32776E8156+000 11.5
10.3
24.0
1.7
15.7
640
20
28.0 x 37.0 x 42.0 10.2 B32776G8206+000 14.5
7.5
10.0
1.7
15.3
440
20
28.0 x 37.0 x 42.0
–
B32776E8206+000 14.5
7.8
24.0
1.7
15.9
440
20
43.0 x 22.0 x 41.5 20.3 B32776T8206K000* 14.5
7.2
9.0
1.7
15.1
280
22
28.0 x 37.0 x 42.0 10.2 B32776G8226+000 15.5
6.8
11.0
1.7
15.3
440
22
28.0 x 37.0 x 42.0
–
B32776E8226+000 15.0
7.1
25.0
1.7
16.0
440
25
28.0 x 42.5 x 42.0 10.2 B32776G8256+000 17.0
6.1
11.0
1.7
15.4
440
25
28.0 x 42.5 x 42.0
–
B32776E8256+000 16.5
6.4
28.0
1.8
16.3
440
30
30.0 x 45.0 x 42.0 20.3 B32776G8306+000 19.5
5.1
12.0
1.7
15.6
400
30
30.0 x 45.0 x 42.0
–
B32776E8306+000 19.0
5.5
30.0
1.8
16.7
400
35
33.0 x 48.0 x 42.0 20.3 B32776G8356+000 22.0
4.3
14.0
1.7
15.7
180
VR,70 °C = 900 V DC, Vop,85 °C = 800 V DC
5
24.0 x 15.0 x 41.5
–
B32776T9505+000
5.5
26.1
19.0
1.5
13.4 1040
7.5 24.0 x 19.0 x 41.5
–
B32776T9755K000
7.5
17.8
18.0
1.5
13.5
780
15
20.0 x 39.5 x 42.0 10.2 B32776G9156K000 12.5
9.1
12.0
1.5
13.6
640
15
20.0 x 39.5 x 42.0
–
B32776E9156K000 12.0
9.4
28.0
1.5
14.1
640
16
43.0 x 22.0 x 41.5 20.3 B32776T9166K000* 14.0
8.1
9.0
1.5
13.5
280
20
28.0 x 37.0 x 42.0 10.2 B32776G9206K000 15.0
7.0
11.0
1.5
13.6
440
20
28.0 x 37.0 x 42.0
–
B32776E9206K000 15.0
7.3
26.0
1.6
14.2
440
22
28.0 x 42.5 x 42.0 10.2 B32776G9226K000 17.0
6.3
12.0
1.5
13.7
440
22
28.0 x 42.5 x 42.0
–
B32776E9226K000 16.5
6.6
29.0
1.6
14.5
440
25
30.0 x 45.0 x 42.0 20.3 B32776G9256+000 19.0
5.5
13.0
1.5
13.8
400
25
30.0 x 45.0 x 42.0
–
B32776E9256+000 18.5
5.9
32.0
1.6
14.7
400
30
33.0 x 48.0 x 42.0 20.3 B32776G9306+000 21.5
4.7
14.0
1.5
13.9
180
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values are available on request.
Composition of ordering code
+ = Capacitance tolerance code:
J = ±5%
K = ±10%
Packing code:
000 = untaped (lead length 6 –1 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com