Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B32774 Datasheet(PDF) 13 Page - EPCOS

Part # B32774
Description  Film capacitors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32774 Datasheet(HTML) 13 Page - EPCOS

Back Button B32774 Datasheet HTML 9Page - EPCOS B32774 Datasheet HTML 10Page - EPCOS B32774 Datasheet HTML 11Page - EPCOS B32774 Datasheet HTML 12Page - EPCOS B32774 Datasheet HTML 13Page - EPCOS B32774 Datasheet HTML 14Page - EPCOS B32774 Datasheet HTML 15Page - EPCOS B32774 Datasheet HTML 16Page - EPCOS B32774 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
13 3/23
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32778
MKP DC link – high density series up to 480 μF
Ordering codes and packing units (lead spacing 52.5 mm, P1 = 20.3 mm)
* This part is affected by "Dual Use" regulations according to the law of the country the production site is located in. De-
liveries of such products are subject to prior approval of the respective local authorities based on customer declarations.
The delivery to certain countries may be restricted.
CR1)
µF
1) Capacitance value measured at 1 kHz
Max. dimensions
w x h x l
mm
Ordering code
(composition see
below)
IRMS,max2)
70 °C
10 kHz
A
2) Max ripple current IRMS at 70 °C, 10 kHz for T ≤20 °C at ESRtyp ≤±5%
ESRtyp
70 °C
10 kHz
m
ESLtyp3)
nH
3) Typical ESL value measured at resonance frequency (see specific graphs of Z versus frequency)
tan 
10-3
tan 
10-3
Un-
taped
pcs./
MOQ
VR,70 °C = 1100 V DC, Vop,85 °C = 920 V DC
20 43.0 x 24.0 x 57.5
B32778T0206K000* 13.0
11.9
9.0
2.6
24.1
560
30 30.0 x 45.0 x 57.5
B32778G0306+000 17.5
8.2
13.0
2.6
24.5
280
40 35.0 x 50.0 x 57.5
B32778G0406+000 21.5
6.2
15.0
2.7
25.9
108
58 45.0 x 57.0 x 57.5
B32778G0586+000 29.0
4.3
17.0
2.7
25.4
140
60 60.0 x 45.0 x 57.5
B32778G0606+000 30.5
4.0
19.0
2.7
25.2
200
60 130.0 x 24.0 x 57.5
B32778J0606K000* 34.5
4.1
4.0
2.7
25.1
80
200 130.0 x 58.0 x 57.5
B32778J0207K000* 66.0
1.4
6.0
3.0
26.8
40
VR,70 °C = 1300 V DC, Vop,85 °C = 1100 V DC
14 43.0 x 24.0 x 57.5
B32778T1146K000* 12.0
13.8
9.0
2.1
19.5
560
20 30.0 x 45.0 x 57.5
B32778G1206+000 16.0
9.7
13.0
2.1
19.8
280
25 35.0 x 50.0 x 57.5
B32778G1256+000 19.0
7.8
15.0
2.1
19.9
108
27 35.0 x 50.0 x 57.5
B32778G1276+000 19.5
7.3
15.0
2.1
20.0
108
38 130.0 x 24.0 x 57.5
B32778J1386K000
* 31.5
5.1
4.0
2.1
19.5
80
40 45.0 x 57.0 x 57.5
B32778G1406+000 26.5
5.0
17.0
2.2
20.3
140
42 60.0 x 45.0 x 57.5
B32778G1426+000 28.0
4.7
19.0
2.2
20.2
200
120 130.0 x 58.0 x 57.5
B32778J1127K000
* 58.5
1.7
6.0
2.3
20.5
40
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values are available on request.
Composition of ordering code
+ = Capacitance tolerance code:
J = ±5%
K = ±10%
Packing code:
000 = untaped (lead length 6 –1 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com