Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B32774 Datasheet(PDF) 39 Page - EPCOS

Part # B32774
Description  Film capacitors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32774 Datasheet(HTML) 39 Page - EPCOS

Back Button B32774 Datasheet HTML 35Page - EPCOS B32774 Datasheet HTML 36Page - EPCOS B32774 Datasheet HTML 37Page - EPCOS B32774 Datasheet HTML 38Page - EPCOS B32774 Datasheet HTML 39Page - EPCOS B32774 Datasheet HTML 40Page - EPCOS B32774 Datasheet HTML 41Page - EPCOS B32774 Datasheet HTML 42Page - EPCOS B32774 Datasheet HTML 43Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
39 3/23
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32774 ... B32778
MKP DC link – high density series up to 480 μF
Damp heat,
steady state
(Type test)
IEC 60384-16:2005
Test Ca
40
°C / 93% RH / 56 days
No visible damage
C/C0|
≤5%
| tan | ≤0.005
Rins
≥50% of initial limit
Endurance
(Type test)
IEC 60384-16:2005
70
°C / 1.25 VR / 1000 hours or
85 °C / 1.25 Vop / 1000 hours or
100 °C / 1.25 Vop / 1000 hours
No visible damage
C/C0|
≤5% at 1 kHz
| tan | ≤0.005
Rins
≥50% of initial limit
Test
Reference
Conditions of test
Performance
requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com