Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMC32PAS-QX Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PIMC32PAS-QX
Description  50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC32PAS-QX Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PIMC32PAS-QX Datasheet HTML 1Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 2Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PIMC32PAS-Q
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor;
R1 = 2.2 kΩ, R2 = 10 kΩ
31 August 2023
Product data sheet
1. General description
NPN/PNP Resistor-Equipped double Transistor (RET) in a medium power SOT1118D
(DFN2020D-6) leadless Surface-Mounted Device (SMD) plastic package with side-wettable flanks
(SWF).
NPN/NPN complement: PIMN32PAS-Q
PNP/PNP complement: PIMP32PAS-Q
2. Features and benefits
• 500 mA output current capability
• Built-in resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• Qualified according to AEC-Q101 and recommended for use in automotive applications
3. Applications
• Digital applications
• Cost-saving alternative to BC807 / BC817 series in digital applications
• Control of IC inputs
• Switching loads
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter
voltage
open base
[1]
-
-
50
V
IO
output current
[1]
-
-
500
mA
R1
bias resistor 1 (input)
[2]
1.54
2.2
2.86
kΩ
R2/R1
bias resistor ratio
Tamb = 25 °C
[2]
4.1
4.55
5
[1] For the PNP transistor with negative polarity.
[2] See section "Test information" for resistor calculation and test conditions.


Similar Part No. - PIMC32PAS-QX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PIMC32PA NEXPERIA-PIMC32PA Datasheet
301Kb / 16P
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor;
31 August 2023
PIMC32PAX NEXPERIA-PIMC32PAX Datasheet
301Kb / 16P
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor;
31 August 2023
More results

Similar Description - PIMC32PAS-QX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTD123YT-Q NEXPERIA-PDTD123YT-Q Datasheet
221Kb / 11P
50 V, 500 mA NPN resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
22 July 2022
PDTB123ET NEXPERIA-PDTB123ET Datasheet
374Kb / 11P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 3 - 22 September 2010
PDTB123YT-Q NEXPERIA-PDTB123YT-Q Datasheet
222Kb / 10P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
25 February 2022
PDTB123YT NEXPERIA-PDTB123YT Datasheet
240Kb / 9P
50 V, 500 mA PNP resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
1 January 2023
PIMC32-Q NEXPERIA-PIMC32-Q Datasheet
298Kb / 14P
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
PIMN32-Q NEXPERIA-PIMN32-Q Datasheet
260Kb / 12P
50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
PIMP32-Q NEXPERIA-PIMP32-Q Datasheet
267Kb / 12P
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
PIMC32 NEXPERIA-PIMC32 Datasheet
298Kb / 14P
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
PIMN32 NEXPERIA-PIMN32 Datasheet
259Kb / 11P
50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
PIMP32 NEXPERIA-PIMP32 Datasheet
265Kb / 11P
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com