Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMC32PAS-QX Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PIMC32PAS-QX
Description  50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC32PAS-QX Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PIMC32PAS-QX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 10Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 11Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 12Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 13Page - Nexperia B.V. All rights reserved PIMC32PAS-QX Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Nexperia
PIMC32PAS-Q
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
VCE (V)
0
-5
-4
-2
-3
-1
aaa-020332
-0.2
-0.3
-0.1
-0.4
-0.5
IC
(A)
0
-2.97
-2.64
-2.31
-1.98
-1.65
-1.32
-0.99
-0.66
-0.33
IB (mA) = -3.3
Tamb = 25 °C
Fig. 14. TR2 (PNP): Collector current as a function of
collector-emitter voltage; typical values
aaa-020335
IC (mA)
10-1
-103
-10
-102
-1
-1
-10
VI(on)
(V)
-10-1
(1)
(2)
(3)
VCE = -0.3 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 15. TR2 (PNP): On-state input voltage as a function
of collector current; typical values
aaa-020333
IC (mA)
-10-1
-10
-1
-10
VI(off)
(V)
-10-1
-1
(1)
(2)
(3)
VCE = -5 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 16. TR2 (PNP): Off-state input voltage as a function
of collector current; typical values
aaa-020334
-10-1
VCEsat
(V)
-10-2
IC (mA)
-1
-103
-102
-10
(1)
(2)
(3)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
Fig. 17. TR2 (PNP): Collector-emitter saturation voltage
as a function of collector current; typical values
PIMC32PAS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
31 August 2023
10 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com