Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 208 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 208 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 204Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 205Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 206Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 207Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 208Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 209Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 210Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 211Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 212Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW OPERATION
Mono or stereo operation
Stereo
0
Sample and store one pair (Left + Right) of 16bit samples per
RAM word R=[31:16]; L=[15:0]
Mono
1
Sample and store two successive Left samples (16 bit each)
per RAM word L1=[31:16]; L0=[15:0]
B
RW EDGE
Defines on which PDM_CLK edge Left (or mono) is sampled
LeftFalling
0
Left (or mono) is sampled on falling edge of PDM_CLK
LeftRising
1
Left (or mono) is sampled on rising edge of PDM_CLK
6.10.7.7 GAINL
Address offset: 0x518
Left output gain adjustment
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A
Reset 0x00000028
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW GAINL
Left output gain adjustment, in 0.5 dB steps, around the
default module gain (see electrical parameters)
0x00 -20 dB gain adjust
0x01 -19.5 dB gain adjust
(...)
0x27 -0.5 dB gain adjust
0x28 0 dB gain adjust
0x29 +0.5 dB gain adjust
(...)
0x4F +19.5 dB gain adjust
0x50 +20 dB gain adjust
MinGain
0x00
-20dB gain adjustment (minimum)
DefaultGain
0x28
0dB gain adjustment ('2500 RMS' requirement)
MaxGain
0x50
+20dB gain adjustment (maximum)
6.10.7.8 GAINR
Address offset: 0x51C
Right output gain adjustment
4430_161 v1.0
208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com