Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 210 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 210 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 206Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 207Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 208Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 209Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 210Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 211Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 212Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 213Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 214Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 483 page
background image
Peripherals
Number of samples to allocate memory for in EasyDMA mode
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW BUFFSIZE
[0..32767]
Length of DMA RAM allocation in number of samples
6.10.8 Electrical specification
6.10.8.1 PDM Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
fPDM,CLK
PDM clock speed
1.032
MHz
tPDM,JITTER
Jitter in PDM clock output
20
ns
TdPDM,CLK
PDM clock duty cycle
40
50
60
%
tPDM,DATA
Decimation filter delay
5
ms
tPDM,cv
Allowed clock edge to data valid
125
ns
tPDM,ci
Allowed (other) clock edge to data invalid
0
ns
tPDM,s
Data setup time at fPDM,CLK=1.024 MHz
65
ns
tPDM,h
Data hold time at fPDM,CLK=1.024 MHz
0
ns
GPDM,default
Default (reset) absolute gain of the PDM module
3.2
dB
tPDM,CLK
CLK
tPDM,s
DIN(R)
DIN (L)
tPDM,h=tPDM,ci
tPDM,s tPDM,h=tPDM,ci
tPDM,cv
tPDM,cv
Figure 45: PDM timing diagram
6.11 PPI — Programmable peripheral interconnect
The programmable peripheral interconnect (PPI) enables peripherals to interact autonomously with each
other using tasks and events independent of the CPU. The PPI allows precise synchronization between
peripherals when real-time application constraints exist and eliminates the need for CPU activity to
implement behavior which can be predefined using PPI.
4430_161 v1.0
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com