Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 211 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 211 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 207Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 208Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 209Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 210Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 211Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 212Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 213Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 214Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 215Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 483 page
background image
Peripherals
Peripheral 1
Peripheral 2
Peripheral 1
Peripheral 2
Event 1
Event 2
Event 1
Event 2
Event 3
Task 1
Task 2
Task 3
Task 1
CH[0].EEP
CH[1].EEP
CH[n].EEP
CH[0].TEP
CHEN
16MHz
FORK[0].TEP
0
1
n
CHG[0]
0
1
n
CHG[m]
0
1
n
...
Figure 46: PPI block diagram
The PPI system has, in addition to the fully programmable peripheral interconnections, a set of channels
where the event end point (EEP) and task end points (TEP) are fixed in hardware. These fixed channels can
be individually enabled, disabled, or added to PPI channel groups (see CHG[n] registers), in the same way
as ordinary PPI channels.
Instance
Channel
Number of channels
PPI
0-19
20
PPI (fixed)
20-31
12
Table 46: Configurable and fixed PPI channels
The PPI provides a mechanism to automatically trigger a task in one peripheral as a result of an event
occurring in another peripheral. A task is connected to an event through a PPI channel. The PPI channel
is composed of three end point registers, one EEP and two TEPs. A peripheral task is connected to a TEP
using the address of the task register associated with the task. Similarly, a peripheral event is connected to
an EEP using the address of the event register associated with the event.
On each PPI channel, the signals are synchronized to the 16 MHz clock, to avoid any internal violation
of setup and hold timings. As a consequence, events that are synchronous to the 16 MHz clock will be
delayed by one clock period, while other asynchronous events will be delayed by up to one 16 MHz clock
period.
Note that shortcuts (as defined in the SHORTS register in each peripheral) are not affected by this 16 MHz
synchronization, and are therefore not delayed.
4430_161 v1.0
211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com