Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 284 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 284 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 280Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 281Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 282Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 283Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 284Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 285Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 286Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 287Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 288Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 483 page
background image
Peripherals
6.13.7.15 LEDPRE
Address offset: 0x540
Time period the LED is switched ON prior to sampling
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A
Reset 0x00000010
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW LEDPRE
[1..511]
Period in us the LED is switched on prior to sampling
6.13.7.16 ACCDBL
Address offset: 0x544
Register accumulating the number of detected double transitions
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
ACCDBL
[0..15]
Register accumulating the number of detected double or
illegal transitions. ( SAMPLE = 2 ).
When this register has reached its maximum value the
accumulation of double / illegal transitions will stop. An
overflow event ( ACCOF ) will be generated if any double or
illegal transitions are detected after the maximum value was
reached. This field is cleared by triggering the READCLRACC
or RDCLRDBL task.
6.13.7.17 ACCDBLREAD
Address offset: 0x548
Snapshot of the ACCDBL, updated by the READCLRACC or RDCLRDBL task
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
ACCDBLREAD
[0..15]
Snapshot of the ACCDBL register. This field is updated when
the READCLRACC or RDCLRDBL task is triggered.
6.13.8 Electrical specification
6.13.8.1 QDEC Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
tSAMPLE
Time between sampling signals from quadrature decoder
128
131072 µs
tLED
Time from LED is turned on to signals are sampled
0
511
µs
4430_161 v1.0
284



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com