Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 288 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 288 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 284Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 285Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 286Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 287Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 288Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 289Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 290Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 291Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 292Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 483 page
background image
Peripherals
+
+
Data in
Data out
Position
0
1
2
3
4
5
6
D0
D4
D7
Figure 60: Data whitening and de-whitening
Whitening and de-whitening will be performed over the whole packet (except for the preamble and the
address field).
The linear feedback shift register, illustrated in Data whitening and de-whitening on page 288 can be
initialised via the DATAWHITEIV register.
6.14.6 CRC
The CRC generator in the RADIO calculates the CRC over the whole packet excluding the preamble. If
desirable, the address field can be excluded from the CRC calculation as well
See CRCCNF register for more information.
The CRC polynomial is configurable as illustrated in CRC generation of an n bit CRC on page 288 where
bit 0 in the CRCPOLY register corresponds to X0 and bit 1 corresponds to X1 etc. See CRCPOLY for more
information.
+
Packet
(Clocked in serially)
+
+
+
+
Xn
bn
b0
Xn-1
X2
X1
X0
Figure 61: CRC generation of an n bit CRC
As illustrated in CRC generation of an n bit CRC on page 288, the CRC is calculated by feeding the
packet serially through the CRC generator. Before the packet is clocked through the CRC generator, the
CRC generator's latches b0 through bn will be initialized with a predefined value specified in the CRCINIT
register. When the whole packet is clocked through the CRC generator, latches b0 through bn will hold
the resulting CRC. This value will be used by the RADIO during both transmission and reception but it is
not available to be read by the CPU at any time. A received CRC can however be read by the CPU via the
RXCRC register independent of whether or not it has passed the CRC check.
The length (n) of the CRC is configurable, see CRCCNF for more information.
After the whole packet including the CRC has been received, the RADIO will generate a CRCOK event if no
CRC errors were detected, or alternatively generate a CRCERROR event if CRC errors were detected.
4430_161 v1.0
288



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com