Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 285 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 285 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 281Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 282Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 283Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 284Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 285Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 286Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 287Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 288Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 289Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 483 page
background image
Peripherals
6.14 RADIO — 2.4 GHz radio
The 2.4 GHz radio transceiver is compatible with multiple radio standards, such as 1 Mbps and 2 Mbps
Bluetooth® low energy, as well as Nordic's proprietary 1 Mbps and 2 Mbps modes of operation.
EasyDMA in combination with an automated packet assembler and packet disassembler, and an
automated CRC generator and CRC checker, makes it very easy to configure and use the RADIO. See RADIO
block diagram on page 285 for details.
RADIO
2.4 GHz
receiver
2.4 GHz
transmitter
RSSI
EasyDMA
Dewhitening
Whitening
IFS
control unit
CRC
CRC
Address
match
Bit counter
RAM
L
S0
Payload
S1
L
S0
S1
PACKETPTR
Packet
disassembler
Packet
assembler
Device
address
match
Packet synch
Payload
MAXLEN
ANT1
Figure 57: RADIO block diagram
The RADIO includes a device address match unit and an interframe spacing control unit that can be utilized
to simplify address white listing and interframe spacing respectively, in Bluetooth® Smart and similar
applications.
The RADIO also includes a received signal strength indicator (RSSI) and a bit counter. The bit counter
generates events when a preconfigured number of bits have been sent or received by the RADIO.
6.14.1 EasyDMA
The RADIO peripheral uses EasyDMA for reading of data packets from and writing to RAM, without CPU
involvement.
As illustrated in RADIO block diagram on page 285, the RADIO's EasyDMA utilizes the same PACKETPTR
on page 300 for receiving and transmitting packets, and this pointer can only point to the Data RAM
region. See Memory on page 15 for more information about the different memoryregions.
The DISABLED event indicates that the EasyDMA has finished accessing the RAM.
The structure of a radio packet is described in detail in Packet configuration on page 286. The data that
is stored in Data RAM and transported by EasyDMA consists of the following fields:
• S0
• LENGTH
• S1
• PAYLOAD
In addition, a static add-on is sent immediately after the payload.
The size of each of the above fields in the frame is configurable, and the space occupied in RAM depends
on these settings. A size of zero is possible for any of the fields, it is up to the user to make sure that the
resulting frame complies with the RF protocol chosen. For the field sizes defined in bits, the occupation
4430_161 v1.0
285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com